Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5211TIYEZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5211TIYEZ-T7
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211TIYEZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5211TIYEZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 14Page - Intersil Corporation EL5211TIYEZ-T7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
EL5211T
11
FN6893.0
May 12, 2010
Applications Information
Product Description
The EL5211T is a high voltage rail-to-rail input-output
amplifier with low power consumption. The EL5211T
contains four amplifiers. Each amplifier exhibits beyond
the rail input capability, rail-to-rail output capability and
is unity gain stable.
The EL5211T features a high slew rate of 100V/μs, and
fast settling time. Also, the device provides common
mode input capability beyond the supply rails, rail-to-rail
output capability, and a bandwidth of 60MHz (-3dB). This
enables the amplifiers to offer maximum dynamic range
at any supply voltage.
Operating Voltage, Input and Output
Capability
The EL5211T can operate on a single supply or dual
supply configuration. The EL5211T operating voltage
ranges from a minimum of 4.5V to a maximum of 19V.
This range allows for a standard 5V (or ±2.5V) supply
voltage to dip to -10%, or a standard 18V (or ±9V) to
rise by +5.5% without affecting performance or
reliability.
The input common-mode voltage range of the EL5211T
extends 500mV beyond the supply rails. Also, the
EL5211T is immune to phase reversal. However, if the
common mode input voltage exceeds the supply voltage
by more than 0.5V, electrostatic protection diodes in the
input stage of the device begin to conduct. Even though
phase reversal will not occur, to maintain optimal
reliability it is suggested to avoid input overvoltage
conditions. Figure 32 shows the input voltage driven
500mV beyond the supply rails and the device output
swinging between the supply rails.
The EL5211T output typically swings to within 50mV of
positive and negative supply rails with load currents of
±5mA. Decreasing load currents will extend the output
voltage range even closer to the supply rails. Figure 33
shows the input and output waveforms for the device in a
unity-gain configuration. Operation is from ±5V supply
with a 1kΩ load connected to GND. The input is a 10VP-P
sinusoid and the output voltage is approximately 9.9VP-P.
Refer to the “Electrical Specifications” Table beginning on
page 3 for specific device parameters. Parameter
variations with operating voltage, loading and/or
temperature are shown in the “Typical Performance
Curves” on page 6.
Output Current
The EL5211T is capable of output short circuit currents of
300mA (source and sink), and the device has built-in
protection circuitry which limits the output current to
±300mA (typical).
To maintain maximum reliability, the continuous output
current should never exceed ±65mA. This ±65mA limit is
determined by the characteristics of the internal metal
interconnects. Also, see “Power Dissipation” on page 12
for detailed information on ensuring proper device
operation and reliability for temperature and load
conditions.
Unused Amplifiers
It is recommended that any unused amplifiers be
configured as a unity gain follower. The inverting input
should be directly connected to the output and the
non-inverting input tied to the ground.
Thermal Shutdown
The EL5211T has a built-in thermal protection which
ensures safe operation and prevents internal damage to
the device due to overheating. When the die temperature
reaches +165°C (typical), the device automatically shuts
OFF the outputs by putting them in a high impedance
state. When the die cools by +15°C (typical), the device
automatically turns ON the outputs by putting them in a
low impedance (normal) operating state.
FIGURE 32. OPERATION WITH BEYOND-THE-RAILS
INPUT
10μs/DIV
VS = ±2.5V, TA = +25°C, AV = 1, VINx = 6VP-P, RL = 1kΩ to GND
INPUT
OUTPUT
FIGURE 33. OPERATION WITH RAIL-TO-RAIL INPUT
AND OUTPUT
VS = ±5V, TA = +25°C, AV = 1, VINx = 10VP-P, RL = 1kΩ to GND
10μs/DIV


Similar Part No. - EL5211TIYEZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5211TIYEZ-T7 RENESAS-EL5211TIYEZ-T7 Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
More results

Similar Description - EL5211TIYEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com