Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6254-3G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6254-3G
Description  Fault Tolerant Low Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6254-3G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6254-3G Datasheet HTML 7Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 8Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 9Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 10Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 11Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 12Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 13Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 14Page - Infineon Technologies AG TLE6254-3G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLE6254-3G
Data Sheet
11
Rev. 2.1, 2007-08-09
When one of the bus failures 3, 5, 6, 6a and 7 is detected, the defective bus wire is
disabled by switching off the affected bus termination and the respective output stage. A
wake-up from sleep mode via the bus is possible either via a dominant CANH or CANL
line. This ensures that a wake-up is possible even if one of the failures 1 to 7 occurs.
A current limiting circuit protects the CAN transceiver output stages from damage by
short-circuit to positive and negative battery voltages.
The CANH and CANL pins are protected against electrical transients which may occur
in the severe conditions of automotive environments.
The transmitter output stages generate the majority of the power dissipation. Therefore
they are disabled if the junction temperature exceeds the maximum value. This
effectively reduces power dissipation, and hence will lead to a lower chip temperature,
while other parts of the IC can remain operating. In temperature shut-down condition the
TLE6254-3G is still able to receive CAN-bus messages.
Table 3
CAN Bus-line Failures
Failure #
Failure Description
1
CANL line interrupted
2
CANH line interrupted
3
CANL line shorted to
V
BAT
3a
CANL line shorted to
V
CC
4
CANH line shorted to GND
5
CANL line shorted to GND
6
CANH line shorted to
V
BAT
6a
CANH line shorted to V
CC
7
CANL line shorted to CANH line


Similar Part No. - TLE6254-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
More results

Similar Description - TLE6254-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com