Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24201IRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL24201IRTZ
Description  Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201IRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL24201IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 9Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL24201
6
FN7586.1
December 9, 2010
DCP (Digitally Controlled Potentiometer)
Figure 4 shows the relationship between the register value and
the resistor string of the DCP. Note that the register value of zero
actually selects the first step of the resistor string. The output
voltage of the DCP is given by Equation 1:
Output Current Sink
Figure 5 shows the schematic of the OUT pin current sink. The
circuit made up of amplifier A1, transistor Q1, and resistor RSET
forms a voltage controlled current source.
The external RSET resistor sets the full-scale sink current that
determines the lowest output voltage of the external voltage divider
R1 and R2. IOUT is calculated as shown by Equation 2:
The maximum value of IOUT can be calculated by substituting the
maximum register value of 255 into Equation 2, resulting in
Equation 3:
Equation 2 can also be used to calculate the unit sink current
step size by removing the Register Value term from it as shown in
Equation 4.
The voltage difference between the OUT pin and SET pin, which are
also the drain and source of the output transistor, should be greater
than the minimum saturation voltage for the IOUT(MAX) being used.
This will keep the output transistor in its saturation region to
maintain linear operation over the full range of register values.
Figure 6 shows IDS vs VDS for transistor Q1. The line labeled
"Minimum Saturation Voltage" is the minimum voltage that should
be maintained across the drain and source of Q1. To find the
minimum saturation voltage for a specific condition, locate the
voltage at the intersection of the IOUT(MAX) value from Equation 3
and the line labeled "Minimum Saturation Voltage".
VDCP
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
=
(EQ. 1)
AVDD
19R
R
0
1
2
255
254
253
252
251
REGISTER
VALUE
AVDD
20
VDCP
FIGURE 4. SIMPLIFIED SCHEMATIC OF DIGITAL CONTROL
POTENTIOMETER (DCP)
AVDD
RSET
VDCP
SET
OUT
AVDD
IOUT
R1
R2
VSAT
VSET = (IOUT)*(RSET) = VDCP
Q1
A1
VOUT
FIGURE 5. CURRENT SINK CIRCUIT
IOUT
VDCP
RSET
-------------
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
1
RSET
-------------
⎝⎠
⎛⎞
==
(EQ. 2)
IOUT MAX
()
AVDD
20RSET
--------------------
=
(EQ. 3)
ISTEP
AVDD
256
() 20
() RSET
()
----------------------------------------------
=
(EQ. 4)
FIGURE 6. IDS vs VDS FOR THE ISL24201 OUTPUT TRANSISTOR
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
012
34
5
6
7
8
9
10
VDS (V)
SATURATION REGION
MINIMUM SATURATION
VOLTAGE


Similar Part No. - ISL24201IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201IRTZ RENESAS-ISL24201IRTZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Similar Description - ISL24201IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com