Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL33003IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL33003IRTZ
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33003IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL33003IRTZ Datasheet HTML 7Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 8Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 9Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 10Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 11Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 12Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 13Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 14Page - Intersil Corporation ISL33003IRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN7560.2
September 30, 2010
to perform level shifting with the VCC1 and VCC2 supplies
and provide capacitance buffering.
Propagation Delays
On a low to high transition, the rising edge signal is
determined by the bus pull-up resistor, load capacitance,
and the accelerator current from the ISL33001,
ISL33002, ISL33003 buffer. Prior to the accelerators
becoming active, the buffer is connected and the output
voltage will track the input of the buffer. When the
accelerators activate the buffer connection is released
and the signal on each side of the buffer rises
independently. The accelerator current on both sides of
the buffer will be equal. If the pull-up resistance on both
sides of the buffer are also equal, then differences in the
rise time will be proportional to the difference in
capacitive loading on the two sides.
Because the signals on each side of the buffer rise
independently, the propagation delay can be positive or
negative. If the input side rises slowly relative to the
output (i.e., heavy capacitive loading on the input and
light load on the output) then the propagation delay tPLH
is negative. If the output side rises slowly relative to the
input, tPLH is positive.
For high to low transitions, there is a finite propagation
delay through the buffer from the time an external low
on the input drives the NMOS output low. This
propagation delay will always be positive because the
buffer connect threshold on the falling edge is below the
measurement points of the delay. In addition to the
propagation delay of the buffer, there will be additional
delay from the different capacitive loading of the buffer.
Figures 21 and 22 show how the propagation delay from
high to low, tPHL, is affected by VCC and capacitive
loading.
The buffer’s propagation delay times for rising and falling
edge signals must be taken into consideration for the
timing requirements of the system. SETUP and HOLD
times may need to be adjusted to take into account
excessively long propagation delay times caused by
heavy bus capacitances.
Pull-Up Resistor Selection
While the ISL33001, ISL33002, ISL33003 2-Channel
buffers are designed to improve the rise time of the bus
in passive pull-up systems, proper selection of the
pull-up resistor is critical for system operation when a
buffer is used. For a bus that is operating normally
without active rise time circuitry, using the ISL33001,
ISL33002, ISL33003 buffer will allow larger pull-up
resistor values to reduce sink currents when the bus is
driving low. However, choose a pull-up resistor value of
no larger than 20kΩ regardless of the bus capacitance
seen on the SDA/SCL lines. The Bus Idle or Stop Bit
condition requires valid logic high voltages to give a valid
connection state. Pull-up resistor values 20kΩ or smaller
are recommended to overcome the typical 150kΩ
impedance of the pre-charge circuitry, delivering valid
high levels.
Typical Performance Curves C
IN = COUT = 10pF, VCC1 = VCC2 = VCC, TA = +25°C; Unless Otherwise
Specified.
FIGURE 9. ICC1 ENABLED CURRENT vs VCC1
(ISL33001)
FIGURE 10. ICC1 DISABLED CURRENT vs VCC1
(ISL33001)
VCC1 (V)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +85°C
T = +25°C
T = -40°C
VCC1 (V)
100
150
200
250
300
350
400
450
500
550
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +85°C
T = +25°C
ISL33001, ISL33002, ISL33003


Similar Part No. - ISL33003IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33003IRTZ INTERSIL-ISL33003IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33003IRTZ RENESAS-ISL33003IRTZ Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Similar Description - ISL33003IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com