Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7270-2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7270-2
Description  5-V Low Dropout Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270-2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7270-2 Datasheet HTML 1Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7270-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PG-SSOP-14 Exposed Pad
PG-TO252-5
PG-TO263-5
Type
Package
Marking
TLE7270-2E
PG-SSOP-14 Exposed Pad
7270-2E
TLE7270-2D
PG-TO252-5
7270-2D
TLE7270-2G
PG-TO263-5
7270-2G
Data Sheet
2
Rev. 1.01, 2009-07-23
TLE7270-2
5-V Low Dropout Voltage Regulator
1Overview
Features
Ultra Low Current Consumption 20
µA
Output Voltage 5 V
±2%
Output Current up to 300 mA
Power-On and Undervoltage Reset
Reset Low Down to
V
Q = 1 V
Very Low Dropout Voltage
Output Current Limitation
Overtemperature Shutdown
Wide Temperature Range From -40 °C up to 150 °C
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7270-2 is a monolithic integrated low dropout voltage regulator
for load currents up to 300 mA. An input voltage up to 42 V is regulated
to
V
Q,nom = 5.0 V with a precision of ±2%. Due to its integrated reset
circuitry featuring power on timing and output voltage monitoring the IC is
well suited as
µ-controller supply. The sophisticated design allows to
achieve stable operation even with ceramic output capacitors down to
470 nF. The device is designed for the harsh environment of automotive
applications. Therefore it is protected against overload, short circuit and
overtemperature conditions by the implemented output current limitation
and the overtemperature shutdown circuit. The TLE7270-2 can be also
used in all other applications requiring a stabilized 5 V voltage.
Due to its ultra low quiescent current of typically 20 µA the TLE7270-2 is
dedicated for use in applications permanently connected to
V
BAT. An
integrated output sink current circuitry keeps the voltage at the Output pin
Q below 5.5 V even in case of occuring reverse currents. Thus connected
devices are protected from overvoltage damage. For applications
requiring extremely low noise levels the Infineon voltage regulator family
TLE 42XX and TLE 44XX is more suited than the TLE7270-2. A mV-
range output noise on the TLE7270-2 caused by the charge pump
operation is unavoidable due to the ultra low quiescent current concept.


Similar Part No. - TLE7270-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7270 INFINEON-TLE7270 Datasheet
391Kb / 14P
   5-V Low Drop Voltage Regulator
Rev. 1.03, 2004-10-14
TLE7270D INFINEON-TLE7270D Datasheet
391Kb / 14P
   5-V Low Drop Voltage Regulator
Rev. 1.03, 2004-10-14
TLE7270G INFINEON-TLE7270G Datasheet
391Kb / 14P
   5-V Low Drop Voltage Regulator
Rev. 1.03, 2004-10-14
More results

Similar Description - TLE7270-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com