Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29029 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL29029
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29029 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29029 Datasheet HTML 1Page - Intersil Corporation ISL29029 Datasheet HTML 2Page - Intersil Corporation ISL29029 Datasheet HTML 3Page - Intersil Corporation ISL29029 Datasheet HTML 4Page - Intersil Corporation ISL29029 Datasheet HTML 5Page - Intersil Corporation ISL29029 Datasheet HTML 6Page - Intersil Corporation ISL29029 Datasheet HTML 7Page - Intersil Corporation ISL29029 Datasheet HTML 8Page - Intersil Corporation ISL29029 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL29029
3
FN7682.0
November 23, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V
ADDR0 Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld ODFN Package (Notes 4, 5) . . . . . . . .
88
10
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. ESD on all pins is 2kV except for IRDR, which is 1.5kV.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VDD
Power Supply Range
2.25
3.0
3.63
V
SR_VDD
Input Power-up Slew Rate
VDD Rising Edge between 0.4V and 2.25V
0.5
V/ms
IDD_OFF
Supply Current when Powered Down
ALS_EN = 0; PROX_EN = 0
0.1
0.8
µA
IDD_NORM
Supply Current for ALS+Prox in Sleep Time
ALS_EN = 1; PROX_EN = 1
110
125
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
ALS_EN = 0; PROX_EN = 1
80
µA
IDD_ALS
Supply Current for ALS
ALS_EN = 1; PROX_EN = 0
96
µA
fOSC
Internal Oscillator Frequency
5.25
MHz
tINTGR_ALS
12-bit ALS Integration/Conversion Time
88
100
112
ms
tINTGR_PROX 8-bit Prox Integration/Conversion Time
0.54
ms
Linearity ALS_1 Nonlinearity
EAMBIENT = 0, 53, 90 Lux; ALS_RANGE = 0 (Notes
7, 11)
-6
0.5
+6
%
DATAALS_0
ALS Result when Dark
EAMBIENT = 0 lux, 2k Range
1
3
Counts
DATAALS_F
Full Scale ALS ADC Code
EAMBIENT > Selected Range Maximum Lux (Note
11)
4095 Counts
ΔDATA
DATA
Count Output Variation Over Three Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient Light Sensing
±10
%
DATAALS_1
Light Count Output with LSB of 0.0326 Lux/Count
E = 53 lux, Fluorescent (Note
8),
ALS_RANGE = 0
1638
Counts
DATAALS_2
Light Count Output With LSB of 0.522 Lux/Count
E = 320 lux, Fluorescent (Notes
8, 11),
ALS_RANGE = 1
503
614
725 Counts
DATAPROX_0 Prox Measurement w/o Object in Path
12
Counts
DATAPROX_F Full Scale Prox ADC Code
255 Counts
DATAPROX_1 Prox Measurement Result
(Note 9)
34
46
58
Counts
tr
Rise Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
500
ns
tf
Fall time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
500
ns


Similar Part No. - ISL29029

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29029IROZ-T7 RENESAS-ISL29029IROZ-T7 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com