Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29029 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29029
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29029 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29029 Datasheet HTML 7Page - Intersil Corporation ISL29029 Datasheet HTML 8Page - Intersil Corporation ISL29029 Datasheet HTML 9Page - Intersil Corporation ISL29029 Datasheet HTML 10Page - Intersil Corporation ISL29029 Datasheet HTML 11Page - Intersil Corporation ISL29029 Datasheet HTML 12Page - Intersil Corporation ISL29029 Datasheet HTML 13Page - Intersil Corporation ISL29029 Datasheet HTML 14Page - Intersil Corporation ISL29029 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL29029
11
FN7682.0
November 23, 2010
Soldering Considerations
Convection heating is recommended for reflow soldering; direct-
infrared heating is not recommended. The plastic ODFN package
does not require a custom reflow soldering profile, and is qualified to
+260°C. A standard reflow soldering profile with a +260°C
maximum is recommended.
Suggested PCB Footprint
It is important that users check the “Surface Mount Assembly
Guidelines for Optical Dual FlatPack No Lead (ODFN) Package”
before starting ODFN product board mounting.
(http://www.intersil.com/data/tb/TB477.pdf)
Layout Considerations
The ISL29029 is relatively insensitive to layout. Like other I2C
devices, it is intended to provide excellent performance even in
significantly noisy environments. There are only a few
considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all sources of
noise. A 0.1µF and 1µF power supply decoupling capacitors need to be
placed close to the device.
ADDR0
1
GND
3
REXT
4
SDA
INT
7
IRDR
8
ISL29029
R1
10kΩ
R2
10kΩ
REXT
499kΩ
VDD
MICROCONTROLLER
INT
SDA
SLAVE_0
SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
VI2C_PULL-UP
6
R3
10kΩ
SCL
2
VDD
5
C2
0.1µF
FIGURE 5. ISL29029 TYPICAL CIRCUIT
SCL
C1
1µF
VIR-LED


Similar Part No. - ISL29029

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29029IROZ-T7 RENESAS-ISL29029IROZ-T7 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028A INTERSIL-ISL29028A Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29030A INTERSIL-ISL29030A Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com