Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42754 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE42754
Description  Low Dropout Linear Fixed Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE42754 Datasheet HTML 2Page - Infineon Technologies AG TLE42754 Datasheet HTML 3Page - Infineon Technologies AG TLE42754 Datasheet HTML 4Page - Infineon Technologies AG TLE42754 Datasheet HTML 5Page - Infineon Technologies AG TLE42754 Datasheet HTML 6Page - Infineon Technologies AG TLE42754 Datasheet HTML 7Page - Infineon Technologies AG TLE42754 Datasheet HTML 8Page - Infineon Technologies AG TLE42754 Datasheet HTML 9Page - Infineon Technologies AG TLE42754 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TLE42754
General Product Characteristics
Data Sheet
6
Rev. 1.0, 2008-05-29
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40 °C
Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input
4.1.1
Voltage
V
I
-42
45
V
Output
4.1.2
Voltage
V
Q
-0.3
7
V
Reset Output
4.1.3
Voltage
V
RO
-0.3
25
V
Reset Delay
4.1.4
Voltage
V
D
-0.3
7
V
Temperature
4.1.5
Junction Temperature
T
j
-40
150
°C–
4.1.6
Storage Temperature
T
stg
-50
150
°C–
ESD Absorption
4.1.7
ESD Absorption
V
ESD,HBM
-2
2
kV
Human Body
Model (HBM)2)
2) ESD HBM Test according JEDEC JESD22-A114
4.1.8
V
ESD,CDM
-500
500
V
Charge Device
Model (CDM)3)
3) ESD CDM Test according AEC/ESDA ESD-STM5.3.1-1999
4.1.9
-750
750
V
Charge Device
Model (CDM)3) at
corner pins


Similar Part No. - TLE42754

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754D INFINEON-TLE42754D Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754D INFINEON-TLE42754D Datasheet
1Mb / 29P
   Very low Current Consumption
TLE42754E INFINEON-TLE42754E Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754E INFINEON-TLE42754E Datasheet
1Mb / 29P
   Very low Current Consumption
More results

Similar Description - TLE42754

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com