Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42754D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE42754D
Description  Low Dropout Linear Fixed Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE42754D Datasheet HTML 6Page - Infineon Technologies AG TLE42754D Datasheet HTML 7Page - Infineon Technologies AG TLE42754D Datasheet HTML 8Page - Infineon Technologies AG TLE42754D Datasheet HTML 9Page - Infineon Technologies AG TLE42754D Datasheet HTML 10Page - Infineon Technologies AG TLE42754D Datasheet HTML 11Page - Infineon Technologies AG TLE42754D Datasheet HTML 12Page - Infineon Technologies AG TLE42754D Datasheet HTML 13Page - Infineon Technologies AG TLE42754D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLE42754
Block Description and Electrical Characteristics
Data Sheet
10
Rev. 1.0, 2008-05-29
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 450 mA
9V <
V
I < 28 V
5.1.2
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 400 mA
6V <
V
I < 28 V
5.1.3
Output Voltage
V
Q
4.9
5.0
5.1
V
1 mA <
I
Q < 200 mA
6V <
V
I < 40 V
5.1.4
Output Current Limitation
I
Q,max
450
1100
mA
V
Q = 4.8V
5.1.5
Load Regulation
steady-state
∆VQ,load
-30
-15
mV
I
Q = 5 mA to
400 mA
V
I = 8 V
5.1.6
Line Regulation
steady-state
∆VQ,line
–5
15
mV
V
I = 8 V to 32 V
I
Q = 5 mA
5.1.7
Dropout Voltage1)
Vdr = VI - VQ
1) measured when the output voltage
V
Q has dropped 100mV from the nominal value obtained at VI = 13.5V
V
dr
250
500
mV
I
Q = 300 mA
5.1.8
Power Supply Ripple Rejection2)
2) not subject to production test, specified by design
PSRR
–60
dB
f
ripple = 100 Hz
V
ripple = 0.5 Vpp
5.1.9
Temperature Output Voltage Drift
d
V
Q/dT
–0.5
–mV/K
5.1.10
Overtemperature Shutdown
Threshold
T
j,sd
151–
200°C
T
j increasing
2)
5.1.11
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–20
°C
T
j decreasing
2)


Similar Part No. - TLE42754D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754D INFINEON-TLE42754D Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754D INFINEON-TLE42754D Datasheet
1Mb / 29P
   Very low Current Consumption
More results

Similar Description - TLE42754D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com