Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12022IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL12022IBZ
Description  Real Time Clock with On Chip 짹5ppm Temp Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL12022IBZ Datasheet HTML 4Page - Intersil Corporation ISL12022IBZ Datasheet HTML 5Page - Intersil Corporation ISL12022IBZ Datasheet HTML 6Page - Intersil Corporation ISL12022IBZ Datasheet HTML 7Page - Intersil Corporation ISL12022IBZ Datasheet HTML 8Page - Intersil Corporation ISL12022IBZ Datasheet HTML 9Page - Intersil Corporation ISL12022IBZ Datasheet HTML 10Page - Intersil Corporation ISL12022IBZ Datasheet HTML 11Page - Intersil Corporation ISL12022IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN6659.2
June 23, 2009
General Description
The ISL12022 device is a low power real time clock (RTCs)
with embedded temperature sensors. It contains crystal
frequency compensation circuitry over the operating
temperature range, clock/calendar, power fail and low
battery monitors, brownout indicator, 1 periodic or polled
alarm, intelligent battery-backup switching and 128 Bytes of
battery-backed user SRAM.
The oscillator uses an external, low cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction. In addition, the ISL12022 can be programmed for
automatic Daylight Savings Time (DST) adjustment by
entering local DST information.
The ISL12022’s alarm can be set to any clock/calendar
value for a match, for example, every minute, every Tuesday
or at 5:23 AM on March 21. The alarm status is available by
checking the Status Register, or the device can be
configured to provide a hardware interrupt via the IRQ/FOUT
pin. There is a repeat mode for the alarm allowing a periodic
interrupt every minute, every hour, every day, etc.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or super
capacitor with automatic switchover from VDD to VBAT. The
ISL12022 device is specified for VDD = 2.7V to 5.5V and the
clock/calendar portion of the device remains fully operational
in battery-backup mode down to 1.8V (Standby Mode). The
VBAT level is monitored and reported against preselected
levels. The first report is registered when the VBAT level falls
below 85% of nominal level, the second level is set for 75%.
Battery levels are stored in PWR_VBAT registers.
The ISL12022 offers a “Brownout” alarm once the VDD falls
below a pre-selected trip level. This allows system Micro to
save vital information to memory before complete power
loss. There are six VDD levels that could be selected for
initiation of the Brownout alarm.
Pin Descriptions
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the device to supply a timebase for the real time
clock. Internal compensation circuitry with internal
temperature sensor provides frequency corrections for
selected popular crystals to ±5ppm over the operating
temperature range from -40°C to +85°C. (See “Application
Section” on page 25 for recommended crystal). The
ISL12022 allows the user to input via I2C serial bus the
temperature variation profile of an individual crystal. The
oscillator compensation network can also be used to
calibrate the initial crystal timing accuracy to less than 1ppm
error at room temperature. The device can also be driven
directly from a 32.768kHz source at pin X1.
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. Device power will automatically switch to the
VBAT input when VDD drops below the switchover trip level
(VTRIP). This pin can be connected to a battery, a super
capacitor or tied to ground if not used.
IRQ/FOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or
frequency output pin. The IRQ/FOUT mode is selected via
the frequency out control bits of the control/status register. It
is an open drain output.
FIGURE 8. IDD WITH TSE = 1 vs TEMPERATURE
FIGURE 9. IBAT with TSE = 1, BTSE = 1 vs TEMPERATURE
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
40
50
60
70
80
90
100
110
-40
-20
0
20
406080
TEMPERATURE (°C)
VBAT = 2.7V
VDD = 3.3V
VDD = 5.5V
20
30
40
50
60
70
80
90
100
110
-40
-20
0
20
406080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
FIGURE 10. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL12022


Similar Part No. - ISL12022IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T RENESAS-ISL12022IBZ-T Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ-T7A RENESAS-ISL12022IBZ-T7A Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
More results

Similar Description - ISL12022IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com