Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW214 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FW214
Description  Ultrahigh-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW214 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FW214 Datasheet HTML 1Page - Sanyo Semicon Device FW214 Datasheet HTML 2Page - Sanyo Semicon Device FW214 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52698TS (KOTO) TA-0974 No.5850-1/3
FW214
Ordering number :EN5850
Ultrahigh-Speed Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N-Channel Silicon MOS FET
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
5A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
18
4A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
7
.
1W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
.
2W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2129
[FW214]
Electrical Characteristics at Ta = 25˚C
Features
· Low ON resistance.
· 2.5V drive.
˚C
˚C
1:Source1
2:Gate1
3:Source2
4:Gate2
5:Drain2
6:Drain2
7:Drain1
8:Drain1
SANYO:SOP8
Mounted on ceramic board (1200mm2
×0.8mm) 1unit
Mounted on ceramic board (1200mm2
×0.8mm)
14
5
8
0.2
5.0
0.595
1.27
0.43
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
S
-
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=0
0
1A
µ
t
n
e
r
r
u
C
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
G
I
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
t
n
e
r
r
u
C
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=4
.
03
.
1V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
5
=8
3
1S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
5
=
S
G
V
4
=8
30
5m
R
)
n
o
(
S
D
2ID
V
,
A
2
=
S
G
V
5
.
2
=0
50
7m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
C
V S
D
z
H
M
1
=
f
,
V
0
1
=0
0
5
F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
s
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
8
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
R
s
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5
1F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
T
t
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
e
s
i
R
tr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
T
t
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
7s
n
e
m
i
T
ll
a
F
tf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
T
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
=2
2C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
G
s
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
=3
C
n
e
g
r
a
h
C
)
"
r
e
ll
i
M
"
(
n
i
a
r
D
-
o
t
-
e
t
a
G
d
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
=3
C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
D
V D
S
IS
V
,
A
5
=
S
G
0
=0
.
12
.
1V


Similar Part No. - FW214

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW211 SANYO-FW211 Datasheet
44Kb / 3P
   DC-DC Converter Applications
logo
Intel Corporation
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
   PCI-to-PCI Bridge
logo
Sanyo Semicon Device
FW213 SANYO-FW213 Datasheet
45Kb / 4P
   DC-DC Converter Applications
logo
Intel Corporation
FW21555AA INTEL-FW21555AA Datasheet
52Kb / 6P
   21555AA/BA and 21555AB/BB Differences
FW21555AB INTEL-FW21555AB Datasheet
52Kb / 6P
   21555AA/BA and 21555AB/BB Differences
More results

Similar Description - FW214

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com