Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW233 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FW233
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW233 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FW233 Datasheet HTML 1Page - Sanyo Semicon Device FW233 Datasheet HTML 2Page - Sanyo Semicon Device FW233 Datasheet HTML 3Page - Sanyo Semicon Device FW233 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6391-3/4
FW233
2.0
1.5
1.7
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
2
3
5
7
2
3
5
7
23
5 7
100ms
100
µ
s
<10
µs
10ms
1m
s
100
10
1.0
2
3
5
7
2
3
5
7
0.1
0.01
0.01
0.1
23
5 7 1.0
23
5 7 10
23
5 7 100
A S O
IDP=52A
Operation in this
area is limited by RDS(on).
DC
operation
2
3
5
7
2
3
5
7
2
3
5
7
2
3
57
2
3
57
2
3
td(on)
td(off)
tr
tf
1000
100
10
1.0
0.1
1.0
10
SW Time -- ID
VDD=15V
VGS=10V
IT00729
IT00731
IT00730
ID=8A
Ciss, Coss, Crss -- VDS
10000
5
7
1000
2
3
0
25
510
15
20
30
VGS -- Qg
3
2
1
0
4
5
525
30
35
40
20
15
10
0
IT00727
IT00728
100
5
7
2
3
8
7
6
9
10
Ciss
Coss
Crss
VDS=10V
ID=8A
f=1MHz
0.001
5
3
100
2
10
7
0.3
0.6
1.2
0.4
IT00726
0.01
1.0
0.1
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
0.5
0.7
0.8
0.9
1.0
1.1
0.2
IF -- VSD
VGS=0
yfs -- ID
100
0.001
0.01
23 5 7
0.1
23 5 7
1.0
23 5 7
10
23 5 7
100
23 5 7
IT00725
5
2
7
3
10
5
2
7
3
1.0
5
2
7
3
0.1
0.01
5
2
7
3
VDS=10V
Ta
=--2
5°C
75
°C
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain-to-Source Voltage, VDS –V
Ta=25
°C
Single pulse
1 unit
Mounted on a ceramic board (1000mm
2
×0.8mm)
Drain Current, ID –A
Ambient Temperature, Ta – ˚C
Mounted on a ceramic board (1000mm2
×0.8mm)
1 unit


Similar Part No. - FW233

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW231A-TL-E SANYO-FW231A-TL-E Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
More results

Similar Description - FW233

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com