Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM1106-GA Datasheet(PDF) 5 Page - Ramtron International Corporation

Part # FM1106-GA
Description  Nonvolatile 3V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1106-GA Datasheet(HTML) 5 Page - Ramtron International Corporation

  FM1106-GA Datasheet HTML 1Page - Ramtron International Corporation FM1106-GA Datasheet HTML 2Page - Ramtron International Corporation FM1106-GA Datasheet HTML 3Page - Ramtron International Corporation FM1106-GA Datasheet HTML 4Page - Ramtron International Corporation FM1106-GA Datasheet HTML 5Page - Ramtron International Corporation FM1106-GA Datasheet HTML 6Page - Ramtron International Corporation FM1106-GA Datasheet HTML 7Page - Ramtron International Corporation FM1106-GA Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM1106 - Automotive Temp.
Rev. 3.0
Apr. 2009
Page 5 of 8
AC Parameters (TA = -40° C to +125° C, VDD = 2.7V to 3.6V, CL = 30 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fMAX
Maximum Clock Frequency
-
900
kHz
tLOW
CLK Low Period
0.3
-
µs
tHIGH
CLK High Period
0.3
-
µs
tPD
Propagation delay CLK to QN
-
50
ns
tHZ
EN Low to QN Hi-Z
-
25
ns
1
tR
Input Rise Time
-
100
ns
1
tF
Input Fall Time
-
100
ns
1
tDS
Data (DN) Setup Time to CLK
5
-
ns
tDH
Data (DN) Hold Time after CLK
10
-
ns
tEHD
EN Hold Time (EN High after CLK
)
50
-
ns
tEH
EN High Time
5
-
µs
tEL
EN Low Time
2
-
µs
Notes
1. This parameter is characterized but not tested.
Power Cycling and Data Retention (TA = -40° C to +125° C, VDD = 2.7V to 3.6V, unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
Nonvolatile Data Retention Time
45
-
years
tVDR
VDD Rise Time
25
-
µs/V
1
tVDF
VDD Fall Time
50
-
µs/V
1
tRES
EN High to QN Restore Time
-
0.5
µs
2
tPDS
EN Low to Power Down Time
1
-
µs
tEHFC
EN High to First Clock (CLK
) after Power Up
4
-
µs
3
Notes
1.
Slope measured at any point on VDD waveform.
2.
After power up, when EN goes high the nonvolatile latches are read and the values restored to the outputs QN.
3.
After power up, this is the minimum time required before a state change operation may occur. EN and VDD may be
coincident at power up, and in this case tEHFC time is referenced to VDD (min) and CLK .
Data Retention (VDD = 3.0V to 3.6V)
Parameter
Min
Max
Units
Notes
Data Retention
@
TA = 85°C
@
TA = 125°C
45
9000
-
-
Years
Hours
Note : The device is guaranteed to retain data after both conditions have been applied : (1) 45 yrs at a temperature
of 85
°C and (2) 9000 hrs at 125°C.
Typical Grade 1 Operating Profile
0
200
400
600
800
1000
1200
1400
1600
70
75
80
85
90
95 100 105 110 115 120 125
Temperature (°C)
Typical Grade 1 Storage Profile
0
5000
10000
15000
20000
25000
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Temperature (°C)


Similar Part No. - FM1106-GA

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Similar Description - FM1106-GA

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com