Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC164CS-32F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC164CS-32F
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS-32F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC164CS-32F_06 Datasheet HTML 4Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 5Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 6Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 7Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 8Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 9Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 10Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 11Page - Infineon Technologies AG XC164CS-32F_06 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
XC164-32
Derivatives
Summary of Features
Data Sheet
6
V1.1, 2006-08
Table 1
XC164CS Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step BA.
Temp.
Range
Program
Memory
On-Chip RAM
Interfaces
Standard Devices2)
2) The Flash speed grading indicates the access time to the on-chip Flash module. According to this access time
Flash waitstates must be selected (bitfield WSFLASH in register IMBCTRL) according to the intended
operating frequency. For more details, please refer to Section 4.4.2.
Grade A devices are identified by “Grade A” in the fourth line of the chip marking.
SAK-XC164CS-32F40F
SAK-XC164CS-32F20F
-40
°C to
125
°C
256 Kbytes
Flash
2 Kbytes DPRAM,
4 Kbytes DSRAM,
6 Kbytes PSRAM
ASC0, ASC1,
SSC0, SSC1,
CAN0, CAN1,
CC6
SAF-XC164CS-32F40F
SAF-XC164CS-32F20F
-40
°C to
85
°C
Grade A Devices2)
SAK-XC164CS-32F40F
SAK-XC164CS-32F20F
-40
°C to
125
°C
256 Kbytes
Flash
2 Kbytes DPRAM,
4 Kbytes DSRAM,
6 Kbytes PSRAM
ASC0, ASC1,
SSC0, SSC1,
CAN0, CAN1,
CC6
SAF-XC164CS-32F40F
SAF-XC164CS-32F20F
-40
°C to
85
°C
ROM Devices
SAK-XC164CS-32R40F
SAK-XC164CS-32R20F
-40
°C to
125
°C
256 Kbytes
ROM
2 Kbytes DPRAM,
4 Kbytes DSRAM,
6 Kbytes PSRAM
ASC0, ASC1,
SSC0, SSC1,
CAN0, CAN1,
CC6
SAF-XC164CS-32R40F
SAF-XC164CS-32R20F
-40
°C to
85
°C


Similar Part No. - XC164CS-32F_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164CS-16F INFINEON-XC164CS-16F Datasheet
1Mb / 78P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.2, March 2006
XC164CS-16F INFINEON-XC164CS-16F Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
XC164CS-16FF INFINEON-XC164CS-16FF Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CS-16F INFINEON-XC164CS-16F_06 Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
XC164CS-16R INFINEON-XC164CS-16R Datasheet
1Mb / 80P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V2.3, Aug. 2006
More results

Similar Description - XC164CS-32F_06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC164S INFINEON-XC164S Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164D-32F INFINEON-XC164D-32F Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com