Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR802 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FR802
Description  FAST RECOVERY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FR802 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FR802 Datasheet HTML 1Page - EIC discrete Semiconductors FR802 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FR801 - FR805 )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - FORWARD CURRENT DERATING CURVE
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL INSTANTANEOUS FORWARD
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Page 2 of 2
Rev. 02 : July 28, 2006
60Hz Resistive load
or Inductive load
8
6
4
2
10
100
10
1.0
120
0
150
0
90
60
30
10
80
0.1
0.01
1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
8.3 ms Single Half Sine Wave
JEDEC Method
SET TIME BASE FOR 50/100 ns/cm
Trr
+ 0.5 A
0
- 0.25 A
- 1.0 A
1 cm
50 Vdc
(approx)
OSCILLOSCOPE
( NOTE 1 )
1
Ω
50
Ω
10
Ω
D.U.T.
PULSE
GENERATOR
( NOTE 2 )
INSTANTANEOUS FORWARD
VOLTAGE, (V)
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - FR802

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR802 RECTRON-FR802 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Nantong Hornby Electron...
FR802 HORNBY-FR802 Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR802 BYTES-FR802 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
FR802 RECTRON-FR802 Datasheet
103Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2016-08 REV:A
logo
Diodes Incorporated
FR802 DIODES-FR802 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
More results

Similar Description - FR802

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001CT YEASHIN-FG1001CT Datasheet
628Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com