Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2064 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2064
Description  Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2064 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2064 Datasheet HTML 7Page - Maxim Integrated Products MAX2064 Datasheet HTML 8Page - Maxim Integrated Products MAX2064 Datasheet HTML 9Page - Maxim Integrated Products MAX2064 Datasheet HTML 10Page - Maxim Integrated Products MAX2064 Datasheet HTML 11Page - Maxim Integrated Products MAX2064 Datasheet HTML 12Page - Maxim Integrated Products MAX2064 Datasheet HTML 13Page - Maxim Integrated Products MAX2064 Datasheet HTML 14Page - Maxim Integrated Products MAX2064 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
______________________________________________________________________________________ 11
Dual 50MHz to 1000MHz High-Linearity,
Serial/Analog-Controlled VGA
Typical Operating Characteristics (continued)
(Typical Application Circuit, VCC = VCC_AMP_1 = VCC_AMP_2 = VCC_RG = +3.3V, attenuators are set for maximum gain, RF ports are
driven from 50I sources, AMPSET = 1, PD_1 = PD_2 = 0, PIN = -20dBm, fRF = 350MHz, and TC = +25NC, unless otherwise noted.)
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
3
4
5
6
7
8
2
50
1050
TC = -40°C
TC = +85°C
TC = +25°C
VCC = 3.3V
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
3
4
5
6
7
8
2
50
1050
VCC = 3.135V
VCC = 3.465V
VCC = 3.30V
OUTPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
6
8
10
12
14
16
4
50
1050
VCC = 3.3V
TC = -40°C
TC = +85°C
TC = +25°C
OUTPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
6
8
10
12
14
16
4
50
1050
VCC = 3.465V
VCC = 3.30V
VCC = 3.135V
OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
15
20
25
30
35
40
10
50
1050
POUT = 0dBm/TONE
VCC = 3.3V
TC = -40°C
TC = +85°C
TC = +25°C
OUTPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
15
20
25
30
35
40
10
50
1050
POUT = 0dBm/TONE
VCC = 3.465V
VCC = 3.30V
VCC = 3.135V
OUTPUT IP3 vs. ANALOG
ATTENUATOR SETTING
ANALOG ATTENUATOR SETTING (DAC CODE)
224
192
160
128
96
64
32
25
30
35
40
20
0
256
POUT = -3dBm/TONE
VCC = 3.3V
RF = 350MHz
TC = -40°C LSB, USB
TC = +25°C LSB, USB
TC = +85°C LSB, USB
2nd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
25
35
45
55
65
75
15
50
1050
POUT = 3dBm
VCC = 3.3V
TC = +25°C
TC = +85°C
TC = -40°C
2nd HARMONIC vs. RF FREQUENCY
RF FREQUENCY (MHz)
850
650
450
250
25
35
45
55
65
75
15
50
1050
POUT = 3dBm
VCC = 3.30V
VCC = 3.465V
VCC = 3.135V


Similar Part No. - MAX2064

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX206 MAXIM-MAX206 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX206 MAXIM-MAX206 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX206 ARTSCHIP-MAX206 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2064

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
MAX2066ETL MAXIM-MAX2066ETL Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com