Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2064 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2064
Description  Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2064 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2064 Datasheet HTML 1Page - Maxim Integrated Products MAX2064 Datasheet HTML 2Page - Maxim Integrated Products MAX2064 Datasheet HTML 3Page - Maxim Integrated Products MAX2064 Datasheet HTML 4Page - Maxim Integrated Products MAX2064 Datasheet HTML 5Page - Maxim Integrated Products MAX2064 Datasheet HTML 6Page - Maxim Integrated Products MAX2064 Datasheet HTML 7Page - Maxim Integrated Products MAX2064 Datasheet HTML 8Page - Maxim Integrated Products MAX2064 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 ______________________________________________________________________________________
Dual 50MHz to 1000MHz High-Linearity,
Serial/Analog-Controlled VGA
+5V SuPPLy AC ELECTRICAL CHARACTERISTICS (each path, unless otherwise noted)
(continued)
(Typical Application Circuit, VCC = VCC_AMP_1 = VCC_AMP_2 = VCC_RG = +4.75V to +5.25V, attenuators are set for maximum gain,
RF ports are driven from 50I sources, AMPSET = 0, PD_1 = PD_2 = 0, 100MHz P fRF P 500MHz, TC = -40NC to +85NC. Typical
values are at maximum gain setting, VCC = +5.0V, PIN = -20dBm, fRF = 350MHz, and TC = +25NC, unless otherwise noted.) (Note 6)
PARAMETER
SyMBOL
CONDITIONS
MIN
TyP
MAX
uNITS
Output -1dB Compression Point
P1dB
fRF = 350MHz, TC = +25NC (Note 7)
17
18.7
dBm
Second Harmonic
POUT = +3dBm
-56.7
dBc
Third Harmonic
POUT = +3dBm
-72.4
dBc
Group Delay
Includes EV kit PCB delays
0.9
ns
Amplifier Power-Down Time
PD_1 or PD_2 from 0 to 1, amplifier DC
supply current settles to within 0.1mA
0.5
F
s
Amplifier Power-Up Time
PD_1 or PD_2 from 1 to 0, amplifier DC
supply current settles to within 1%
0.5
F
s
Input Return Loss
RLIN
50I source
16.8
dB
Output Return Loss
RLOUT
50I load
30.7
dB
ANALOG ATTENuATOR (each path, unless otherwise noted)
Insertion Loss
IL
2.2
dB
Input Second-Order Intercept
Point
IIP2
PIN1 = 0dBm, PIN2 = 0dBm (minimum
attenuation), Df = 1MHz, f1 + f2
61.9
dBm
Input Third-Order Intercept Point
IIP3
PIN1 = 0dBm, PIN2 = 0dBm (minimum
attenuation), Df = 1MHz
37.0
dBm
Attenuation Range
32.9
dB
Gain Control Slope
Analog control input
-13.3
dB/V
Maximum Gain Control Slope
Over analog control input range
-35.2
dB/V
Insertion Phase Change
Over analog control input range
16.5
Deg/V
Attenuator Response Time
RF settled to
within Q0.5dB
31dB to 0dB, AA_SP = 0,
from A_VCTL_ step
500
ns
31dB to 0dB, AA_SP = 1,
from CS step
500
0dB to 31dB, AA_SP = 0,
from A_VCTL_ step
500
0dB to 31dB, AA_SP = 1,
from CS step
500
Group Delay vs. Control Voltage
Over analog control input from 0.25V to
2.75V
-0.26
ns
Analog Control Input Range
0.25
2.75
V
Analog Control Input Impedance
19.2
kI
Input Return Loss
50I source
16.0
dB
Output Return Loss
50I load
15.9
dB


Similar Part No. - MAX2064

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX206 MAXIM-MAX206 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX206 MAXIM-MAX206 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX206 ARTSCHIP-MAX206 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2064

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
MAX2066ETL MAXIM-MAX2066ETL Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com