Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15006AATV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15006AATV
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15006AATV Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15006AATV Datasheet HTML 1Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 2Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 3Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 4Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 5Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 6Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 7Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 8Page - Maxim Integrated Products MAX15006AATV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 14V, CIN = 0.1μF, COUT = 2.2μF, VEN = VIN, TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
(MAX15006A/MAX15007A)
VIN (V)
35
30
20
25
10
15
5
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.3
3.0
3.6
0
040
IOUT = 0
OUTPUT VOLTAGE vs. INPUT VOLTAGE
(MAX15006B/MAX15007B)
VIN (V)
35
30
20
25
10
15
5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
040
IOUT = 0
OUTPUT VOLTAGE vs. TEMPERATURE
(MAX15006A/MAX15007A)
TEMPERATURE (
°C)
125
100
50
75
0
25
-25
3.18
3.21
3.24
3.27
3.30
3.33
3.36
3.39
3.42
3.45
3.15
-50
150
IOUT = 50mA
IOUT = 1mA
OUTPUT VOLTAGE vs. TEMPERATURE
(MAX15006B/MAX15007B)
TEMPERATURE (
°C)
125
100
50
75
0
25
-25
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
-50
150
IOUT = 50mA
IOUT = 1mA
DROPOUT VOLTAGE vs. LOAD CURRENT
(MAX15006B/MAX15007B)
IOUT (mA)
35
30
45
40
20 25
10 15
5
50
100
150
200
250
300
350
400
450
500
0
050
TA = +125
°C
TA = +25
°C
TA = -40
°C
GROUND CURRENT vs. LOAD CURRENT
(MAX15006B/MAX15007B)
IOUT (mA)
35
30
45
40
20 25
10 15
5
10
20
30
40
50
60
70
80
90
100
0
050
TA = +125
°C
TA = +25
°C
TA = -40
°C
GROUND CURRENT vs. TEMPERATURE
(IOUT = 0)
TEMPERATURE (
°C)
125
100
50
75
025
-25
2
4
6
8
10
12
14
16
18
0
-50
150
VIN = +6V
VIN = +14V
VIN = +40V
GROUND CURRENT vs. TEMPERATURE
(IOUT = 50mA)
TEMPERATURE (
°C)
125
100
50
75
025
-25
91
92
93
94
95
96
97
98
99
100
90
-50
150
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
50
75
025
-25
1
2
3
4
5
6
7
8
9
10
0
-50
150
VIN = +40V
VIN = +14V
VIN = +6V


Similar Part No. - MAX15006AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006AATV MAXIM-MAX15006AATV Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
More results

Similar Description - MAX15006AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006 Datasheet
313Kb / 15P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 0; 10/06
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com