Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15058EWL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15058EWL
Description  High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15058EWL Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15058EWL Datasheet HTML 1Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 2Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 3Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 4Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 5Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 6Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 7Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 8Page - Maxim Integrated Products MAX15058EWL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
High-Efficiency, 3A, Current-Mode
Synchronous, Step-Down Switching Regulator
2 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 3)
ABSOLUTE MAXIMUM RATINGS
Note 1: LX has internal clamp diodes to GND and IN. Applications that forward bias these diodes should not exceed the IC’s pack-
age power dissipation limits.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
IN, PGOOD to GND ................................................-0.3V to +6V
LX to GND ..................................................-0.3V to (VIN + 0.3V)
LX to GND .......................................-1V to (VIN + 0.3V) for 50ns
EN, COMP, FB, SS/REFIN, SKIP to GND...-0.3V to (VIN + 0.3V)
LX Current (Note 1) ................................................... -6A to +6A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70NC)
9-Bump WLP Multilayer Board
(derate 14.1mW/NC above TA = +70NC)....................1127mW
Junction-to-Case Thermal Resistance (BJC) (Note 2).....26NC/W
Junction-to-Ambient Thermal
Resistance (BJA) (Note 2)..........................................71NC/W
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Voltage Range
VIN
2.7
5.5
V
IN Shutdown Supply Current
VEN = 0V
0.2
2
F
A
IN Supply Current
IIN
VEN = 5V, VFB = 0.65V, no switching
1.56
2.3
mA
VIN Undervoltage Lockout
Threshold
LX starts switching, VIN rising
2.6
2.7
V
VIN Undervoltage Lockout
Hysteresis
LX stops switching, VIN falling
200
mV
ERROR AMPLIFIER
Transconductance
gMV
1.5
mS
Voltage Gain
AVEA
90
dB
FB Set-Point Accuracy
VFB
Over line, load, and temperature
594
600
606
mV
FB Input Bias Current
IFB
VFB = 0.6V
-500
+500
nA
COMP to Current-Sense
Transconductance
gMC
18
A/V
COMP Clamp Low
VFB = 0.65V, VSS = 0.6V
0.94
V
POWER SWITCHES
LX On-Resistance, High-Side
pMOS
30
mI
LX On-Resistance, Low-Side
nMOS
18
mI
High-Side Switch Current-Limit
Threshold
IHSCL
5
A
Low-Side Switch Sink Current-
Limit Threshold
4
A
Low-Side Switch Source Current-
Limit Threshold
5
A


Similar Part No. - MAX15058EWL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15058EWL MAXIM-MAX15058EWL Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
More results

Similar Description - MAX15058EWL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
   High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com