Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N4001G
Description  GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4001G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N4001G_05 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4001G_05 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N4001G - BY133G )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
0.8
0.6
0.4
0.2
1.0
10
1.0
24
0
30
0
18
12
6
1.0
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.01


Similar Part No. - 1N4001G_05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G_09 Datasheet
205Kb / 2P
   1.0 A, General Purpose Plastic Rectifiers
More results

Similar Description - 1N4001G_05

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5400G SYNSEMI-1N5400G Datasheet
36Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
1N5391G EIC-1N5391G_05 Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N3611 EIC-1N3611 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G_05 Datasheet
3Mb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5400G EIC-1N5400G_05 Datasheet
44Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5614 EIC-1N5614 Datasheet
125Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5391G SYNSEMI-1N5391G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
1N4001G EIC-1N4001G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N4001G SYNSEMI-1N4001G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com