Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4464 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N4464
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4464 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N4464 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4464 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4460 - 1N4496 and
SILICON ZENER DIODES
1N6485 - 1N6491
VZ : 3.3 - 200 Volts
PD : 1.5 Watts
FEATURES :
* Silicon power zener diodes
* Complete Voltage Range 3.3 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : M1A Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.20 gram (approximately)
MAXIMUM RATINGS (Rating at 25 °C ambient temperature unless otherwise specified)
Rating
Symbol
Value
Unit
Power Dissipation at Ta = 25 °C
PD
1.5
W
Maximum Forward Voltage at IF = 200 mA
VF
1.0
V
Thermal Resistance , Junction to Lead (Note 1)
RӨJA
42
°C/W
Operating Temperature
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Note :
(1) At 3/8"(10 mm) lead length form body.
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
25
50
75
100
125
150
175
Page 1 of 2
Rev. 03 : November 2, 2006
0.3
0.6
0.9
1.2
1.5
L = 3/8" (10 mm)
0
Ta, AMBIENT TEMPERATURE (°C)
M1A
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.085(2.16)
0.075(1.91)
0.138(3.51)
0.122(3.10)
1.00 (25.4)
MIN.
0.024(0.60)
0.022(0.55)
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N4464

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4464 MICROSEMI-1N4464 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4464 CENTRAL-1N4464 Datasheet
53Kb / 1P
   ZENER DIODES
1N4464 CENTRAL-1N4464 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4464 SEMTECH-1N4464 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
Sensitron
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Similar Description - 1N4464

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com