Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4531 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N4531
Description  HIGH SPEED SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4531 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N4531 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4531 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4531 ~ 1N4532
HIGH SPEED SWITCHING DIODES
FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 75 V
• Repetitive peak reverse voltage:max. 75 V
• Repetitive peak forward current:max. 450 mA.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-34 Glass Case
Weight: approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
75
V
VRM
75
V
Maximum Continuous Forward Current
IF
mA
Maximum Repetitive Peak Forward Current
IFRM
450
mA
Maximum Power Dissipation
(1)
PD
500
mW
Maximum Surge Forward Current at t < 1s, Tj = 25
°C
IFSM
0.5
A
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (Tj = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
VR = 20 V
-
-
25
nA
VR = 20 V , Tj = 150 °C-
-
5
μA
VR = 50 V
-
-
100
nA
VR = 50 V , Tj = 150 °C
-
-
100
μA
Forward Voltage
VF
IF = 10 mA
--
1
V
Diode Capacitance
1N4531
-
-
4.0
1N4532
-
-
2.0
IF = 10 mA to IR = 60mA
1N4531
RL = 100 Ω ; Measured
-
-
4
ns
1N4532
at IR = 1 mA
--
2
ns
Page 1 of 2
Rev. 03 : December 3, 2008
200
IR
1N4532
1N4531
Test Condition
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Reverse Current
pF
Reverse Recovery Time
Trr
Cd
f = 1MHz ; VR = 0
DO - 34 Glass
Dimensions in inches and ( millimeters )
0.078 (2.0 )max.
0.118 (3.0)
max.
0.017 (0.43)max.
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - 1N4531

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
102Kb / 19P
   PERFORMANCE SPECIFICATION
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
   Small Signal Devices
logo
Rohm
1N4531 ROHM-1N4531 Datasheet
38Kb / 3P
   Switching diode
More results

Similar Description - 1N4531

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com