Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1738T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1738T
Description  GreenChip SMPS control IC Adjustable overpower time-out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1738T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1738T Datasheet HTML 4Page - NXP Semiconductors TEA1738T Datasheet HTML 5Page - NXP Semiconductors TEA1738T Datasheet HTML 6Page - NXP Semiconductors TEA1738T Datasheet HTML 7Page - NXP Semiconductors TEA1738T Datasheet HTML 8Page - NXP Semiconductors TEA1738T Datasheet HTML 9Page - NXP Semiconductors TEA1738T Datasheet HTML 10Page - NXP Semiconductors TEA1738T Datasheet HTML 11Page - NXP Semiconductors TEA1738T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TEA1738T_TEA1738LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 31 December 2010
8 of 21
NXP Semiconductors
TEA1738T; TEA1738LT
GreenChip SMPS control IC
In the TEA1738T when the Vprot(OPTIMER) voltage is reached the device is restarted. The
TEA1738LT is latched in an off state when the Vprot(OPTIMER) voltage is reached.
7.10 Current mode control (ISENSE pin)
Current mode control is used for its good line regulation.
The primary current is sensed by the ISENSE pin across external resistor R9
(see Figure 3) and compared with an internal control voltage. The internal control voltage
is proportional to the CTRL pin voltage (see Figure 7).
Fig 5.
Overpower delay (TEA1738T)
Fig 6.
Overpower delay: latched (TEA1738LT)
014aaa930
VOPTIMER
VISENSE
VO
400 mV
protection
high load
high load
normal
load
Vprot(OPTIMER)
IO
014aaa968
VOPTIMER
VISENSE
VO
400 mV
protection
high load
high load
normal
load
Vprot(OPTIMER)
IO


Similar Part No. - TEA1738T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1738T NXP-TEA1738T Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
More results

Similar Description - TEA1738T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1733MT NXP-TEA1733MT Datasheet
198Kb / 20P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-4 February 2011
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com