Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1135 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA1135
Description  AM Tuner System for Car Radios and Home Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1135 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA1135 Datasheet HTML 5Page - Sanyo Semicon Device LA1135 Datasheet HTML 6Page - Sanyo Semicon Device LA1135 Datasheet HTML 7Page - Sanyo Semicon Device LA1135 Datasheet HTML 8Page - Sanyo Semicon Device LA1135 Datasheet HTML 9Page - Sanyo Semicon Device LA1135 Datasheet HTML 10Page - Sanyo Semicon Device LA1135 Datasheet HTML 11Page - Sanyo Semicon Device LA1135 Datasheet HTML 12Page - Sanyo Semicon Device LA1135 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
16. Measure against suppression of sensitivity in the presence of an undesired signal of high strength
(Sample application where two PIN diodes are used in the antenna damping circuit)
The LA1135 contains the wide-band AGC circuit (wide-band AGC with pin 2 input) against cross modulation which occurs
because an undesired signal of high strength distorts the FET input. The AGC = ON level depends on the value of external
resistor R3 as shown below.
When a nonlinear element, such as transistor, is used for antenna damping, cross modulation which occurs when the transistor is
turned ON is as shown below.
The dynamic range of the FET input covers up to approximately 110 dBµ of antenna input, but the AGC-ON level must be set
lower because of the bad effect shown above.
Therefore, there are some cases where it is difficult to receive a desired signal of low strength in the presence of an an undesired
signal of high strength. To solve this problem, a sample application circuit where two PIN diodes with good linearity are used for
antenna damping and its cross modulation characteristic are shown below.
Sample Application Circuit where two PIN diodes are used for ANT damping
Test conditions
Double-tuning
ANT input level
at which ANTD is turned ON when
f
u = 1.4 MHz is inputed at fr = 1 MHz
Resistor value, R –
Cross modulation characteristic which is caused
by the ANT Tr when the
LA1135 wide-band
AGC-ON level (with
pin 2 input) is varied
Unit (resistence:
Ω, capacitance: F)
Cross Modulation Characteristics
Desired:1.0 MHz 400 Hz 30% mod 74 dBµ
Undesired: 1.4 MHz non-mod
Wide-band AGC (pin 2 input)75
Desired: 1.0 MHz 400 Hz
non-mod 74 dBµ
Undesired: 1.4 MHz 1 kHz
80% mod
Cross modulation which occurs when the
transistor for ANT damping is turned ON
Undesired input – dBµ
Double-
tuning
Equivalent capacitance available
(Capacitance is desirable because
of a slight change in ANT damping
in the band)
(Approximately 3000 pF)
Unit (resistance:
Ω, capacitance: F)
Double-
tuning
LA1135, 1135M
No. 1272-9/18


Similar Part No. - LA1135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
More results

Similar Description - LA1135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Sanyo Semicon Device
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com