Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI7204MUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # EMI7204MUTAG
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7204MUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  EMI7204MUTAG Datasheet HTML 1Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 2Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 3Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 4Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 5Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 6Page - ON Semiconductor EMI7204MUTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EMI7204MU, EMI7206MU, EMI7208MU
http://onsemi.com
2
Figure 3. Pin Diagram
(Bottom View)
12 3 4
85
6
7
EMI7204MU
GND
12 3 4 5 6
7
8
9
10
11
12
GND
EMI7208MU
12 3 4 5 6 7 8
9
10
11
12
13
14
15
16
GND
EMI7206MU
Table 1. FUNCTIONAL PIN DESCRIPTION
Filter
Device Pins
Description
EMI7204MU
EMI7206MU
EMI7208MU
Filter 1
1 & 8
1 & 12
1 & 16
Filter + ESD Channel 1
Filter 2
2 & 7
2 & 11
2 & 15
Filter + ESD Channel 2
Filter 3
3 & 6
3 & 10
3 & 14
Filter + ESD Channel 3
Filter 4
4 & 5
4 & 9
4 & 13
Filter + ESD Channel 4
Filter 5
5 & 8
5 & 12
Filter + ESD Channel 5
Filter 6
6 & 7
6 & 11
Filter + ESD Channel 6
Filter 7
7 & 10
Filter + ESD Channel 7
Filter 8
8 & 9
Filter + ESD Channel 8
Ground Pad
GND
GND
GND
Ground
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
ESD IEC61000−4−2 (Contact Discharge)
VPP
$16
kV
ESD Human Body Model MIL−STD−−883
VPP
$16
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature
TSTG
−65 to 150
°C
Maximum Lead Temperature for Soldering Purpose (1.8 in from case for 10 seconds)
TL
260
°C
Current per inductor
IC
30
mA
DC package power rating
Pp
500
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25° unless otherwise noted).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage Positive Clamp
VBR
IR = 1.0 mA
5.6
6.8
9.0
V
Breakdown Voltage Negative Clamp
VBR
IR = 1.0 mA
−1.5
−0.08
−0.04
V
Leak Current
IR
VRWM = 3.3 V
0.1
1.0
mA
Resistance
RA
10
W
Inductance
L
17
nH
Diode Capacitance
C1
VR = 2.5 V, f = 1.0 MHz,
30 mVAC
12
pF
Line Capacitance
Ct
18.8
24.2
28.2
pF
3dB Cut−Off Frequency (Note 1)
f3dB
Above this frequency,
appreciable attenuation
occurs
250
MHz
Stop Band Attenuation
800 MHz to 6.0 GHz
23
dB
1. 50 W source and 50 W load termination.


Similar Part No. - EMI7204MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI7112 ONSEMI-EMI7112 Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7112FCTAG ONSEMI-EMI7112FCTAG Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7403 ONSEMI-EMI7403 Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
EMI7403FCTBG ONSEMI-EMI7403FCTBG Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
More results

Similar Description - EMI7204MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com