Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI7206MUTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # EMI7206MUTAG
Description  Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI7206MUTAG Datasheet(HTML) 6 Page - ON Semiconductor

  EMI7206MUTAG Datasheet HTML 1Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 2Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 3Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 4Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 5Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 6Page - ON Semiconductor EMI7206MUTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EMI7204MU, EMI7206MU, EMI7208MU
http://onsemi.com
6
PACKAGE DIMENSIONS
UDFN12, 2.5x1.35, 0.4P
CASE 517BD−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.25 mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
12X
0.10
B
0.05
A
C
C
K
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
12X
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
12X
1
6
7
12
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.13 REF
b
0.15
0.25
D
2.50 BSC
D2
1.90
2.10
E
1.35 BSC
E2
0.30
0.50
e
0.40 BSC
K
0.15
−−−
L
0.20
0.30
2.20
12X
0.25
12X
0.50
1.55
0.40
DIMENSIONS: MILLIMETERS
0.40
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
DETAIL B
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTION
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
L1
−−−
0.05
NOTE 4
DETAIL A
PITCH
SOLDERING FOOTPRINT*
PACKAGE
OUTLINE


Similar Part No. - EMI7206MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI7112 ONSEMI-EMI7112 Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7112FCTAG ONSEMI-EMI7112FCTAG Datasheet
140Kb / 6P
   EMI Filter with ESD Protection
February, 2015 ??Rev. P2
EMI7403 ONSEMI-EMI7403 Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
EMI7403FCTBG ONSEMI-EMI7403FCTBG Datasheet
180Kb / 5P
   EMI Filter
July, 2014 ??Rev. 0
More results

Similar Description - EMI7206MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
[Old version datasheet]   FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF8010MU ONSEMI-NUF8010MU_09 Datasheet
173Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN_09 Datasheet
167Kb / 6P
   8-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
EM6401M SOCAY-EM6401M Datasheet
288Kb / 3P
   6-Channel EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com