Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1235 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA1235
Description  FM IF System Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1235 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA1235 Datasheet HTML 4Page - Sanyo Semicon Device LA1235 Datasheet HTML 5Page - Sanyo Semicon Device LA1235 Datasheet HTML 6Page - Sanyo Semicon Device LA1235 Datasheet HTML 7Page - Sanyo Semicon Device LA1235 Datasheet HTML 8Page - Sanyo Semicon Device LA1235 Datasheet HTML 9Page - Sanyo Semicon Device LA1235 Datasheet HTML 10Page - Sanyo Semicon Device LA1235 Datasheet HTML 11Page - Sanyo Semicon Device LA1235 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LA1235
No.873-11/12
Cain distribution of application circuit
If IC anone is operated without front end, the tuning meter deflects toward plus side at the time of no input. This
phenomenon is caused by the fact that the noise component to be applied to the quadrature multiplication circuit is not
syummetric with respect to 10.7MHz but is shifted toward lower frequency side because the frequency characteristic of
IF amplifier attenuates at high frequencies and the phase shift circuit is of low-pass type. If the formt end is attached and
the noise which passes through the narrowband filter of IF stage and spreads symmetrically with respect to 10.7MHz is
stronger than the noise generated inside the IC, the tuning meter reads 0.As the gain of the front end is decreased, input
limiting sensitivity and usable sensitivity worsen abruptly. This phenomenon is caused by the fact that since the tuning
meter is set to 0 at the time of no input the tuning point of the quadrature circuit must be shifted toward lower frequency
side than 10.7MHz and the demodulation output waveform is deformed asymmetrically at an input in the vicinity of
usable sensitivity. However, if the gain of the front end is too increased, the signal meter poiter does not return to zero
point at the time of no signal.
Sample Application Circuit
Unit (resistance :
Ω, capacitance : F)


Similar Part No. - LA1235

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1231 SANYO-LA1231 Datasheet
665Kb / 8P
   FM IF System
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
LA1231N SANYO-LA1231N Datasheet
104Kb / 1P
   FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
More results

Similar Description - LA1235

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULA1235 UTC-ULA1235 Datasheet
286Kb / 5P
   FM IF SYSTEM APPLICATIONS
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com