Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1260 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1260
Description  FM/AM Tuner System for Radio-Casette Recorders, Music Centers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1260 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1260 Datasheet HTML 1Page - Sanyo Semicon Device LA1260 Datasheet HTML 2Page - Sanyo Semicon Device LA1260 Datasheet HTML 3Page - Sanyo Semicon Device LA1260 Datasheet HTML 4Page - Sanyo Semicon Device LA1260 Datasheet HTML 5Page - Sanyo Semicon Device LA1260 Datasheet HTML 6Page - Sanyo Semicon Device LA1260 Datasheet HTML 7Page - Sanyo Semicon Device LA1260 Datasheet HTML 8Page - Sanyo Semicon Device LA1260 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LA1260
No.1506-4/14
How to apply FM AFC
The S curve at the FM output pin (pin 8) is as shown in Figure 1. Therefore, the domestic (Japan) band (lower local
oscillation) use and foreign band (upper local oscillation) use differ as shown in Figures 2 and 3.
AM local oscillation
Since the LA1260 contains an ALC circuit, the oscillation level at pin 16 can be limited to 60 to 150mV in the
following applications where a coil is used.
Stable oscillation occurs at a coil impedance of 5k
Ω or greater viewed from across pins 16 and 15. Turn ratio n and
QO must be determined so that the oscillation level at pin 16 becomes 75mV or greater for MW use and 60mV or
greater for SW use.
If turn ratio n is increased more than needed, the oscillation level at pin 16
drops, thereby lowering the maximum sensitivity as shown in Figure 5 and 6.
Figure 7 shows the relation between turn ratio n and oscillation level at pin
16 in the MW band.
Unit (capacitance : F)
Figure 1
Figure 2 Domestic (lower local
oscillation) band
Figure 3 Foreign (upper local
oscillation) band
Unit (resistance :
Ω, capacitance : F)
Unit (capacitance : F)
OSC injection voltage at pin 16 – mV
OSC injection voltage at pin 16 – mV
21MHz reception mode
fr=1000kHz reception
Maximum sensitivity
(input at detection
output –30dBm)
Maximum sensitivity
(input at detection
output –30dBm)
Usable sensitivity (S/N=20dB)
Usable sensitivity
(S/N=20dB)
Figure 5
Figure 6
Figure 4


Similar Part No. - LA1260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
   FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
   FM/AM Tuner of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
   LED ARRAY
More results

Similar Description - LA1260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
   AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
   AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Sanyo Semicon Device
LA1207 SANYO-LA1207 Datasheet
104Kb / 1P
   FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com