Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1600 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1600
Description  1-Band AM Radio
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1600 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1600 Datasheet HTML 1Page - Sanyo Semicon Device LA1600 Datasheet HTML 2Page - Sanyo Semicon Device LA1600 Datasheet HTML 3Page - Sanyo Semicon Device LA1600 Datasheet HTML 4Page - Sanyo Semicon Device LA1600 Datasheet HTML 5Page - Sanyo Semicon Device LA1600 Datasheet HTML 6Page - Sanyo Semicon Device LA1600 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA1600
No.2056-5/7
Unit (resistance :
Ω, capacitance : F)
Test Circuit 3 : SW2 (7.2 to 24.0MHz)
(Mitsumi)
(Mitsumi)
(Mitsumi)
SW2 Input/Output Characteristics
IEC input voltage – dBµ
Noise
voltage
Detection output 1kHz-30%
mod
SW2 Reception Characteristics
Receiving frequency, fr – Hz
Max. sensitivity
(Input at
Usable
sensitivity
SW2 Input/Output Characteristics
IEC input voltage – dBµ
Noise
voltage
Detection output 1kHz-30%
mod
detection
output
–30dBm)
8.5MHz Spurious Response
Frequency, f – MHz
Output –30dBm
(Referenced to ANT input
21dBµ-8.5MHz)
8.5 to 9.4MHz Spurious – dB
Receiving frequency, fr – MHz
Output –30dBm
(Referenced to ANT input 21dBµ-8.5MHz)


Similar Part No. - LA1600

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LA16-16-000A SENSATA-LA16-16-000A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4E SENSATA-LA16-16-001A-4E Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4S SENSATA-LA16-16-001A-4S Datasheet
153Kb / 2P
   CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-19-001A SENSATA-LA16-19-001A Datasheet
131Kb / 2P
   C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LIGITEK electronics co....
LA162B-5-G.H.G.EG.G LIGITEK-LA162B-5-G.H.G.EG.G Datasheet
313Kb / 1P
   ARRAY WITH LED LAMPS
More results

Similar Description - LA1600

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
   AM 1 CHIP RADIO
logo
NXP Semiconductors
TEA5551T PHILIPS-TEA5551T Datasheet
160Kb / 17P
   1-chip AM radio
October 1990
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
logo
List of Unclassifed Man...
CD7613 ETC1-CD7613 Datasheet
202Kb / 8P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
   AM/FM 1 CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
   AM/FM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com