Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A04 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 10A04
Description  SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

10A04 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  10A04 Datasheet HTML 1Page - EIC discrete Semiconductors 10A04 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL JUNCTION CAPACITANCE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
Page 2 of 2
Rev. 01 : October 27, 2005
RATING AND CHARACTERISTIC CURVES ( 10A01 - 10A07 )
8.0
6.0
4.0
2.0
10
100
10
800
0
1000
0
600
400
200
10
10
1.0
0.1
100
1.0
100
0
REVERSE VOLTAGE (V)
TJ = 25
°C
8.3 ms Single Half Sine-Wave
JEDC Method
Pulse Width = 300
µs
2% Duty Cycle
0.1
TJ = 25
°C
f = 1MHz
10A01-10A04
10A05-10A07


Similar Part No. - 10A04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A04 DIODES-10A04 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
logo
Micro Commercial Compon...
10A04 MCC-10A04 Datasheet
88Kb / 2P
   10 Amp Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
10A04 DIODES-10A04 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A04 TSC-10A04 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A04 CHENYI-10A04 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
More results

Similar Description - 10A04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
   SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
   SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1SR139-100 EIC-1SR139-100 Datasheet
31Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com