Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1836M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1836M
Description  Single-Chip Home Stereo Electronic Tuning IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1836M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1836M Datasheet HTML 1Page - Sanyo Semicon Device LA1836M Datasheet HTML 2Page - Sanyo Semicon Device LA1836M Datasheet HTML 3Page - Sanyo Semicon Device LA1836M Datasheet HTML 4Page - Sanyo Semicon Device LA1836M Datasheet HTML 5Page - Sanyo Semicon Device LA1836M Datasheet HTML 6Page - Sanyo Semicon Device LA1836M Datasheet HTML 7Page - Sanyo Semicon Device LA1836M Datasheet HTML 8Page - Sanyo Semicon Device LA1836M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications
Maximum Ratings at Ta = 25°C
Note: * An 85
× 115 × 1.6 mm3 glass-epoxy printed circuit board.
Operating Conditions at Ta = 25°C
Electrical Characteristics at Ta = 25°C, VCC = 7.0 V unless otherwise specified
(MFP package using the Yamaichi Electric IC-51-0302-426MF socket)
No. 4787-2/13
LA1836, 1836M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9.0
V
At Ta
≤ 70°C, on the recommended printed circuit board*
550
mW
Allowable power dissipation
Pd max
[LA1836, LA1836M]
At Ta = 70°C, independent IC [LA1836M only]
320
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Ratings
Unit
Recommended supply voltage
VCC
7.0
V
Operating supply voltage range
VCC op
6.5 to 8.5
V
Parameter
Symbol
Conditions
min
typ
max
Unit
[FM characteristics (mono): fc = 10.7 MHz, fm = 1 kHz, with the coil adjusted at VREG – VAFC = 0 V]
Quiescent current
ICCO-FM
No input
37
50
mA
Demodulator output
VO-FM
100 dBµ, 100% mod, the pin 16 output
730
1100
1460
mVrms
Channel balance (mono)
C.B-mono
100 dBµ, 100% mod, the pin 16 output/pin 17 output
–1.5
0
+1.5
dB
Total harmonic distortion
THD-FM (1) 100 dBµ, 100% mod, the pin 16 output
0.3
1.3
%
THD-FM (2) 100 dBµ, 200% mod, the pin 16 output
1.5
8.0
%
S/N ratio
S/N-FM
100 dBµ, 100% mod, the pin 16 output
72
80
dB
AM suppression ratio
AMR
100 dBµ, AM 30% mod, the pin 16 output
40
60
dB
Input limiting voltage
–3dBL.S.
100 dBµ, referenced to 100% mod, a 3 dB down input
34
42
dBµ
LED on sensitivity
SD-On-FM
46
56
66
dBµ
LED on bandwidth
SD-BW
100 dBµ
90
125
170
kHz
IF count buffer output
VIFBuff-FM
100 dBµ, the pin 11 output
80
120
160
mVrms
VSM-FM (1) 0 dBµ, the pin 12 output
0
0.5
1.0
V
S-meter output
VSM-FM (2) 60 dBµ, the pin 12 output
1.8
3.2
4.5
V
VSM-FM (3) 100 dBµ, the pin 12 output
3.5
4.2
5.0
V
Muting attenuation
Mute-Att
100 dBµ, 100% mod, the pin 16 output
80
95
dB
[FM characteristics (stereo): fc = 10.7 MHz, fm = 1 kHz, L + R = 90%, pilot = 10%, VIN = 100 dBµ]
Separation - L
Sep-L
L mod, the pin 17 output/pin 16 output
30
45
dB
Separation - R
Sep-R
R mod, the pin 16 output/pin 17 output
30
45
dB
Stereo on level
ST-on
The pilot modulation such that V7 < 0.7 V
1.8
3.6
6.0
%
Stereo off level
ST-off
The pilot modulation such that V7 > 4.5 V
2.5
%
Total harmonic distortion (main)
THD-main
The pin 16 output
0.3
1.3
%
Channel balance (main)
C.B-main
The pin 16 output/pin 17 output
–1.5
0
+1.5
dB
Capture range
C.R
Pilot = 10%
±1.5
%
Adjacent channel interference
B.Rej.
fs = 113 kHz, Vs = 90%, pilot = 10%, the pin 16 output
40
dB
rejection ration
Continued on next page.


Similar Part No. - LA1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

Similar Description - LA1836M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com