Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1845NM Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA1845NM
Description  Single-Chip Home Stereo IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845NM Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1845NM Datasheet HTML 2Page - Sanyo Semicon Device LA1845NM Datasheet HTML 3Page - Sanyo Semicon Device LA1845NM Datasheet HTML 4Page - Sanyo Semicon Device LA1845NM Datasheet HTML 5Page - Sanyo Semicon Device LA1845NM Datasheet HTML 6Page - Sanyo Semicon Device LA1845NM Datasheet HTML 7Page - Sanyo Semicon Device LA1845NM Datasheet HTML 8Page - Sanyo Semicon Device LA1845NM Datasheet HTML 9Page - Sanyo Semicon Device LA1845NM Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Continued from preceding page.
No. 5888-6/10
LA1845N, 1845NM
Pin No.
Pin function
Pin voltage
Notes
Equivalent circuit
Vreg
AFC
22
The FM SD bandwidth can be adjusted with the
external resistor connected between this pin and
pin 3 (Vreg)
22
Vreg
AM RF input
21
Must be used at the same potential as pin 22
21
A10653
Vcc
OSC
23
Connect the oscillator coil between this pin and
pin 9 (Vcc)
Note: Impedance of the secondary oscillator coil
must be 5 k
Ω or higher.
23
A10655
Vcc - 1.4
Oscillator buffer
output,
FM SD sensitivity
adjustment
24
The FM SD sensitivity can be adjusted with an
external resistor connected to this pin.
Output impedance ro = 200 Ω
Note: Resistance of the external resistor
connected to the pin 24 must be 3.3 k
Ω or higher.
24
A10656
R


Similar Part No. - LA1845NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
More results

Similar Description - LA1845NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com