Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE68L Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1.5KE68L
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1.5KE68L Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1.5KE68L Datasheet HTML 1Page - EIC discrete Semiconductors 1.5KE68L Datasheet HTML 2Page - EIC discrete Semiconductors 1.5KE68L Datasheet HTML 3Page - EIC discrete Semiconductors 1.5KE68L Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
1.5KE6.8L
6.12
7.48
10
5.50
1000
139
10.8
0.057
1.5KE6.8AL
6.45
7.14
10
5.80
1000
143
10.5
0.057
1.5KE7.5L
6.75
8.25
10
6.05
500
128
11.7
0.061
1.5KE7.5AL
7.13
7.88
10
6.40
500
132
11.3
0.061
1.5KE8.2L
7.38
9.02
10
6.63
200
120
12.5
0.065
1.5KE8.2AL
7.79
8.61
10
7.02
200
124
12.1
0.065
1.5KE9.1L
8.19
10.0
1.0
7.37
50
109
13.8
0.068
1.5KE9.1AL
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1.5KE10L
9.00
11.0
1.0
8.10
10
100
15.0
0.073
1.5KE10AL
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1.5KE11L
9.90
12.1
1.0
8.92
5.0
93.0
16.2
0.075
1.5KE11AL
10.5
11.6
1.0
9.40
5.0
96.0
15.6
0.075
1.5KE12L
10.8
13.2
1.0
9.72
5.0
87.0
17.3
0.078
1.5KE12AL
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
1.5KE13L
11.7
14.3
1.0
10.5
5.0
79.0
19.0
0.081
1.5KE13AL
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
1.5KE15L
13.5
16.5
1.0
12.1
5.0
68.0
22.0
0.084
1.5KE15AL
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
1.5KE16L
14.4
17.6
1.0
12.9
5.0
64.0
23.5
0.086
1.5KE16AL
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
1.5KE18L
16.2
19.8
1.0
14.5
5.0
56.5
26.5
0.088
1.5KE18AL
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
1.5KE20L
18.0
22.0
1.0
16.2
5.0
51.5
29.1
0.090
1.5KE20AL
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
1.5KE22L
19.8
24.2
1.0
17.8
5.0
47.0
31.9
0.092
1.5KE22AL
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
1.5KE24L
21.6
26.4
1.0
19.4
5.0
43.0
34.7
0.094
1.5KE24AL
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
1.5KE27L
24.3
29.7
1.0
21.8
5.0
38.5
39.1
0.096
1.5KE27AL
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
1.5KE30L
27.0
33.0
1.0
24.3
5.0
34.5
43.5
0.097
1.5KE30AL
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
1.5KE33L
29.7
36.3
1.0
26.8
5.0
31.5
47.7
0.098
1.5KE33AL
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
1.5KE36L
32.4
39.6
1.0
29.1
5.0
29.0
52.0
0.099
1.5KE36AL
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
1.5KE39L
35.1
42.9
1.0
31.6
5.0
26.5
56.4
0.100
1.5KE39AL
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
1.5KE43L
38.7
47.3
1.0
34.8
5.0
24.0
61.9
0.101
1.5KE43AL
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
1.5KE47L
42.3
51.7
1.0
38.1
5.0
22.2
67.8
0.101
1.5KE47AL
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
1.5KE51L
45.9
56.1
1.0
41.3
5.0
20.4
73.5
0.102
1.5KE51AL
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
1.5KE56L
50.4
61.6
1.0
45.4
5.0
18.6
80.5
0.103
1.5KE56AL
53.2
58.8
1.0
47.8
5.0
19.5
77.0
0.103
Page 2 of 4
Rev. 05 : May 2, 2006
TYPE
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1.5KE68L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE68 PANJIT-1.5KE68 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE68 TRSYS-1.5KE68 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
1.5KE68 FS-1.5KE68 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Socay Electornics Co., ...
1.5KE68 SOCAY-1.5KE68 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
1.5KE68 WTE-1.5KE68 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE68L

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com