Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE82L Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 1.5KE82L
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1.5KE82L Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  1.5KE82L Datasheet HTML 1Page - EIC discrete Semiconductors 1.5KE82L Datasheet HTML 2Page - EIC discrete Semiconductors 1.5KE82L Datasheet HTML 3Page - EIC discrete Semiconductors 1.5KE82L Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
TYPE
1.5KE62L
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
1.5KE62AL
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1.5KE68L
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1.5KE68AL
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1.5KE75L
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1.5KE75AL
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1.5KE82L
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1.5KE82AL
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1.5KE91L
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1.5KE91AL
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1.5KE100L
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1.5KE100AL
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1.5KE110L
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1.5KE110AL
105
116
1.0
94.0
5.0
9.9
152
0.107
1.5KE120L
108
132
1.0
97.2
5.0
8.7
173
0.107
1.5KE120AL
114
126
1.0
102
5.0
9.1
165
0.107
1.5KE130L
117
143
1.0
105
5.0
8.0
187
0.107
1.5KE130AL
124
137
1.0
111
5.0
8.4
179
0.107
1.5KE150L
135
165
1.0
121
5.0
7.0
215
0.108
1.5KE150AL
143
158
1.0
128
5.0
7.2
207
0.108
1.5KE160L
144
176
1.0
130
5.0
6.5
230
0.108
1.5KE160AL
152
168
1.0
136
5.0
6.8
219
0.108
1.5KE170L
153
187
1.0
138
5.0
6.2
244
0.108
1.5KE170AL
162
179
1.0
145
5.0
6.4
234
0.108
1.5KE180L
162
198
1.0
146
5.0
5.8
258
0.108
1.5KE180AL
171
189
1.0
154
5.0
6.1
246
0.108
1.5KE200L
180
220
1.0
162
5.0
5.2
287
0.108
1.5KE200AL
190
210
1.0
171
5.0
5.5
274
0.108
1.5KE220L
198
242
1.0
175
5.0
4.3
344
0.108
1.5KE220AL
209
231
1.0
185
5.0
4.6
328
0.108
1.5KE250L
225
275
1.0
202
5.0
4.2
360
0.110
1.5KE250AL
237
263
1.0
214
5.0
4.4
344
0.110
1.5KE300L
270
330
1.0
243
5.0
3.5
430
0.110
1.5KE300AL
285
315
1.0
256
5.0
3.6
414
0.110
1.5KE350L
315
385
1.0
284
5.0
3.0
504
0.110
1.5KE350AL
332
368
1.0
300
5.0
3.1
482
0.110
1.5KE400L
360
440
1.0
324
5.0
2.6
574
0.110
1.5KE400AL
380
420
1.0
342
5.0
2.7
548
0.110
1.5KE440L
396
484
1.0
356
5.0
2.4
631
0.110
1.5KE440AL
418
462
1.0
376
5.0
2.5
602
0.110
Notes:
(1) VBR measured after It applied for 300 µs., It = square wave pulse or equivale
(2) VF = 3.5 Vmax., I F = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., I F = 100 Amps. ( 100 Volts thru 440 Volts ) per 1/2square or equivalent sine wave
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
(3) "1.5" will be omitted in marking on the diode.
Page 3 of 4
Rev. 05 : May 2, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1.5KE82L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE82 PANJIT-1.5KE82 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE82 TRSYS-1.5KE82 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
1.5KE82 YFWDIODE-1.5KE82 Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Digitron Semiconductors
1.5KE82 DIGITRON-1.5KE82 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Won-Top Electronics
1.5KE82 WTE-1.5KE82 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE82L

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com