Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7343QPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7343QPBF
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7343QPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7343QPBF_10 Datasheet HTML 1Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 2Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 3Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 4Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 5Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 6Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 7Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 8Page - International Rectifier IRF7343QPBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7343QPbF
2
www.irf.com
… Surface mounted on FR-4 board, t ≤ 10sec.
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 55
—
—
VGS = 0V, ID = 250µA
P-Ch -55
—
—
VGS = 0V, ID = -250µA
N-Ch — 0.059 —
Reference to 25°C, ID = 1mA
P-Ch — 0.054 —
Reference to 25°C, ID = -1mA
— 0.043 0.050
VGS = 10V, ID = 4.7A „
— 0.056 0.065
VGS = 4.5V, ID = 3.8A „
— 0.095 0.105
VGS = -10V, ID = -3.4A „
— 0.150 0.170
VGS = -4.5V, ID = -2.7A „
N-Ch 1.0
—
—
VDS = VGS, ID = 250µA
P-Ch -1.0 —
—
VDS = VGS, ID = -250µA
N-Ch 7.9
—
—
VDS = 10V, ID = 4.5A „
P-Ch 3.3
—
—
VDS = -10V, ID = -3.1A
„
N-Ch —
—
2.0
VDS = 55V, VGS = 0V
P-Ch —
— -2.0
VDS = -55V, VGS = 0V
N-Ch —
—
25
VDS = 55V, VGS = 0V, TJ = 55°C
P-Ch —
—
-25
VDS = -55V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
N-P ––
— ±100
VGS = ±20V
N-Ch —
24
36
P-Ch —
26
38
N-Ch —
2.3 3.4
P-Ch —
3.0 4.5
N-Ch —
7.0
10
P-Ch —
8.4
13
N-Ch —
8.3
12
P-Ch —
14
22
N-Ch —
3.2 4.8
P-Ch —
10
15
N-Ch —
32
48
P-Ch —
43
64
N-Ch —
13
20
P-Ch —
22
32
N-Ch —
740
—
P-Ch —
690
—
N-Ch —
190
—
pF
P-Ch —
210
—
N-Ch —
71
—
P-Ch —
86
—
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
V
S
µA
nC
ns
N-Channel
ID = 4.5A, VDS = 44V, VGS = 10V
„
P-Channel
ID = -3.1A, VDS = -44V, VGS = -10V
N-Channel
VDD = 28V, ID = 1.0A, RG = 6.0Ω,
RD = 28Ω
„
P-Channel
VDD = -28V, ID = -1.0A, RG = 6.0Ω,
RD = 28Ω
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
N-Ch
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
—
2.0
P-Ch —
— -2.0
N-Ch —
—
38
P-Ch —
—
-27
N-Ch — 0.70 1.2
TJ = 25°C, IS = 2.0A, VGS = 0V ƒ
P-Ch — -0.80 -1.2
TJ = 25°C, IS = -2.0A, VGS = 0V ƒ
N-Ch —
60
90
P-Ch —
54
80
N-Ch —
120 170
P-Ch —
85
130
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF =2.0A, di/dt = 100A/µs
P-Channel
„
TJ = 25°C, IF = -2.0A, di/dt = 100A/µs
‚ N-Channel ISD ≤ 4.7A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -3.4A, di/dt ≤ -150A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 22 )
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ N-Channel Starting TJ= 25°C, L = 6.5mH RG = 25Ω, IAS = 4.7A.
P-Channel
Starting TJ = 25°C, L = 20mH RG = 25Ω, IAS = -3.4A.
nA


Similar Part No. - IRF7343QPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7343QPBF IRF-IRF7343QPBF_15 Datasheet
226Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRF7343QPBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com