Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4115-7PPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4115-7PPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4115-7PPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4115-7PPBF Datasheet HTML 1Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 2Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 3Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 4Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 5Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 6Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 7Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 8Page - International Rectifier IRFS4115-7PPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFS4115-7PPbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.115mH
RG = 25Ω, IAS = 63A, VGS =10V. Part not recommended for
use above this value.
ƒ ISD ≤ 63A, di/dt ≤ 2510A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
‰ RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.18
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
10.
11.8
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
2.1
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
93
–––
–––
S
Qg
Total Gate Charge
–––
73
110
nC
Qgs
Gate-to-Source Charge
–––
28
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
28
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
45
–––
td(on)
Turn-On Delay Time
–––
18
–––
ns
tr
Rise Time
–––
50
–––
td(off)
Turn-Off Delay Time
–––
37
–––
tf
Fall Time
–––
23
–––
Ciss
Input Capacitance
––– 5320
–––
Coss
Output Capacitance
–––
490
–––
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
Coss eff. (ER) Effective Output Capacitance (Energy Related)h –––
450
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
520
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
104
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
420
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
82
–––
ns
TJ = 25°C
VR = 130V,
–––
99
–––
TJ = 125°C
IF = 63A
Qrr
Reverse Recovery Charge
–––
271
–––
nC TJ = 25°C
di/dt = 100A/μs
f
–––
385
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
6.0
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 50V, ID = 62A
ID = 63A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS = 75V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 120V
h
VGS = 0V, VDS = 0V to 120V
g
TJ = 25°C, IS = 63A, VGS = 0V
f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 3.5mA
c
VGS = 10V, ID = 63A
f
VDS = VGS, ID = 250μA
VDS = 150V, VGS = 0V
VDS = 150V, VGS = 0V, TJ = 125°C
ID = 63A
RG = 2.1Ω
VGS = 10V
f
VDD = 98V
ID = 63A, VDS =0V, VGS = 10V


Similar Part No. - IRFS4115-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4115-7PPBF IRF-IRFS4115-7PPBF Datasheet
307Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFS4115-7PPBF IRF-IRFS4115-7PPBF_15 Datasheet
307Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4115-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com