Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7121RTR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIPS7121RTR
Description  CURRENT SENSE HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7121RTR Datasheet(HTML) 2 Page - International Rectifier

  AUIPS7121RTR Datasheet HTML 1Page - International Rectifier AUIPS7121RTR Datasheet HTML 2Page - International Rectifier AUIPS7121RTR Datasheet HTML 3Page - International Rectifier AUIPS7121RTR Datasheet HTML 4Page - International Rectifier AUIPS7121RTR Datasheet HTML 5Page - International Rectifier AUIPS7121RTR Datasheet HTML 6Page - International Rectifier AUIPS7121RTR Datasheet HTML 7Page - International Rectifier AUIPS7121RTR Datasheet HTML 8Page - International Rectifier AUIPS7121RTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIPS7121R
Qualification Information
Automotive
(per AEC-Q100
††)
Qualification Level
Comments: This family of ICs has passed an Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by extension
of the higher Automotive level.
Moisture Sensitivity Level
DPAK-5L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
Machine Model
Class M2 (200 V)
(per AEC-Q100-003)
Human Body Model
Class H1C (1500 V)
(per AEC-Q100-002)
ESD
Charged Device Model
Class C5 (1000 V)
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.
www.irf.com
2


Similar Part No. - AUIPS7121RTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7121RTR INFINEON-AUIPS7121RTR Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS7121RTRL INFINEON-AUIPS7121RTRL Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS7121RTRR INFINEON-AUIPS7121RTRR Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results

Similar Description - AUIPS7121RTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com