Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS7121RTR Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS7121RTR
Description  CURRENT SENSE HIGH SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7121RTR Datasheet(HTML) 3 Page - International Rectifier

  AUIPS7121RTR Datasheet HTML 1Page - International Rectifier AUIPS7121RTR Datasheet HTML 2Page - International Rectifier AUIPS7121RTR Datasheet HTML 3Page - International Rectifier AUIPS7121RTR Datasheet HTML 4Page - International Rectifier AUIPS7121RTR Datasheet HTML 5Page - International Rectifier AUIPS7121RTR Datasheet HTML 6Page - International Rectifier AUIPS7121RTR Datasheet HTML 7Page - International Rectifier AUIPS7121RTR Datasheet HTML 8Page - International Rectifier AUIPS7121RTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS7121R
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the d
cur. (Tambient=25°C unless
otherwise specified).
arameter
evice may oc
Symbol
P
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-60 Vcc+0.3
V
Vcc-Vin max. Maximum Vcc voltage
-32
60
V
Iifb, max.
Maximum feedback current
-50
10
mA
Vcc sc
Maximum Vcc voltage with short circuit protection see page 7
V
50
Maximum power dissipation (internally limited
protection)
by thermal
Pd
Rth=50°C/W DPack 6cm² footprint
2.5
W
Tj max.
Max. storage & operating junction temperature
-40
150
°C
Thermal Characteristics
mbol
Max.
Units
Sy
Parameter
Typ.
Rth1
Thermal resistance junction to ambient DPak Std footprint
70
Rth2
tion to ambient Dpak 6cm² footprin
Thermal resistance junc
t
50
Rth3
Thermal resistance junction to case Dpak
°C/W
2
Recommended Operating Conditions
These values are given for a quick design.
S
Min.
Max.
Units
ymbol
Parameter
Continuous output current, Tambient=85°C, Tj=125°C
I
3.8
A
out
Rth=50°C/W, Dpak 6cm² footprint
Rifb
Ifb resistor
1.5
k
www.irf.com
3


Similar Part No. - AUIPS7121RTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIPS7121RTR INFINEON-AUIPS7121RTR Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS7121RTRL INFINEON-AUIPS7121RTRL Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS7121RTRR INFINEON-AUIPS7121RTRR Datasheet
355Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
More results

Similar Description - AUIPS7121RTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
   CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
logo
International Rectifier
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
   CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
logo
International Rectifier
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
   CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com