Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5578 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5578
Description  0.4GHz to 2.7GHz High Linearity Upconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5578 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5578 Datasheet HTML 2Page - Linear Technology LT5578 Datasheet HTML 3Page - Linear Technology LT5578 Datasheet HTML 4Page - Linear Technology LT5578 Datasheet HTML 5Page - Linear Technology LT5578 Datasheet HTML 6Page - Linear Technology LT5578 Datasheet HTML 7Page - Linear Technology LT5578 Datasheet HTML 8Page - Linear Technology LT5578 Datasheet HTML 9Page - Linear Technology LT5578 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT5578
6
5578f
Conversion Gain and OIP3
vs RF Output Frequency
SSB Noise Figure
vs RF Output Frequency
LO-RF Leakage
vs RF Output Frequency
Conversion Gain and OIP3
vs LO Input Power
SSB Noise Figure
vs LO Input Power
Conversion Gain and OIP3
vs Supply Voltage
IM3 Level
vs RF Output Power (2-Tone)
IM2 Level
vs RF Output Power (1-Tone)
SSB Noise Figure
vs Supply Voltage
TYPICAL AC PERFORMANCE CHARACTERISTICS
VCC = 3.3V, TA = 25°C, fIF = 140MHz, PIF = –5dBm (–5dBm/tone for 2-tone tests, Δf = 1MHz), low side LO, PLO = –1dBm,
output measured at 900MHz, unless otherwise noted. (Test circuit shown in Figure 1)
900MHz Application:
RF FREQUENCY (MHz)
830
–4
0
4
8
12
16
OIP3
10
14
18
22
26
30
850
870
890
910
5578 G14
930
950
970
85°C
25°C
–40°C
GAIN
RF FREQUENCY (MHz)
830
8
10
12
890
930
950
5578 G15
6
4
2
850
870
910
14
16
18
970
85°C
25°C
–40°C
RF FREQUENCY (MHz)
830
850
–60
–50
–30
0
870
910
930
5578 G16
–40
–10
–20
890
950
970
85°C
25°C
–40°C
LO INPUT POWER (dBm)
–17
8
12
16
–1
5578 G17
4
OIP3
0
–4
22
26
30
18
14
10
–13
–9
–5
3
85°C
25°C
–40°C
GAIN
LO INPUT POWER (dBm)
–17
10
12
14
3
–1
5578 G18
8
6
2
–13
–9
–5
4
18
16
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
–4
0
4
8
16
12
10
14
18
22
30
26
3.1
3.2
3.3
OIP3
3.4
5578 G19
3.5
85°C
25°C
–40°C
GAIN
RF OUTPUT POWER (dBm/TONE)
–12
–100
–80
–40
–20
0
–8
–4
–2
6
5578 G20
–60
–10
–6
0
2
4
85°C
25°C
–40°C
RF OUTPUT POWER (dBm)
–12
–100
–80
–40
–20
0
–8
–4
–2
6
5578 G21
–60
–10
–6
0
2
4
85°C
25°C
–40°C
SUPPLY VOLTAGE (V)
3.0
8
10
12
3.3
5578 G22
6
4
2
3.1
3.2
3.4
14
16
18
3.5
85°C
25°C
–40°C


Similar Part No. - LT5578

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5578 LINER-LT5578 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5578 LINER-LT5578 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5578

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LT5511 LINER-LT5511 Datasheet
283Kb / 16P
   High Signal Level Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com