Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULBM45 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ULBM45
Description  NPN SILICON RF POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ULBM45 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ULBM45_07 Datasheet HTML 1Page - Advanced Semiconductor ULBM45_07 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
16
V
BVCES
IC = 20 mA
36
V
BVCBO
IC = 5.0 mA
36
BVEBO
IE = 5.0 mA
4.0
V
ICBO
VCB = 15 V
5.0
mA
NPN SILICON RF POWER TRANSISTOR
ULBM45
DESCRIPTION:
The
ASI ULBM45 is a gold metallized
RF power transistor designed for 12.5
V class-C UHF communication
applications. The device utilizes
emitter ballasting to achieve high
reliability and ruggedness.
FEATURES:
• Internal Input Matching Network
• P
G = 5.0 dB at 45 W/470 MHz
• Omnigold™ Metalization System
• Common Emitter, 12.5 V operation
MAXIMUM RATINGS
IC
10.0 A
VCBO
36 V
VCEO
16 V
VCES
36 V
VEBO
4.0 V
PDISS
175 W @ TC = 25°C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.0 °C/W
PACKAGE STYLE .500 6L FLG
1 = COLLECTOR
2 = BASE
3&4 = EMITTER
ORDER CODE: ASI10685
MIN IMU M
inches / m m
.490 / 12.45
.210 / 5.33
.003 / 0.08
B
C
D
E
F
G
A
M AXIM U M
.220 / 5.59
.007 / 0.18
.510 / 12.95
inches / m m
.725 / 18.42
H
DIM
K
L
I
J
.970 / 24.64
.980 / 24.89
.170 / 4.32
N
M
.120 / 3.05
.135 / 3.43
.150 / 3.43
.160 / 4.06
.125 / 3.18
.090 / 2.29
.105 / 2.67
.285 / 7.24
.150 / 3.81
.045 / 1.14
E
F
.725/18,42
I
G
J
K
L
M
A
D
C
B
2x Ø N
FU LL R
H
.835 / 21.21
.865 / 21.97
.210 / 5.33
.200 / 5.08
1
2
3
4


Similar Part No. - ULBM45_07

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ULBM45 ASI-ULBM45 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ULBM45_07

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com