Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA3235W Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA3235W
Description  1.5 V Record Preamplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3235W Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA3235W Datasheet HTML 5Page - Sanyo Semicon Device LA3235W Datasheet HTML 6Page - Sanyo Semicon Device LA3235W Datasheet HTML 7Page - Sanyo Semicon Device LA3235W Datasheet HTML 8Page - Sanyo Semicon Device LA3235W Datasheet HTML 9Page - Sanyo Semicon Device LA3235W Datasheet HTML 10Page - Sanyo Semicon Device LA3235W Datasheet HTML 11Page - Sanyo Semicon Device LA3235W Datasheet HTML 12Page - Sanyo Semicon Device LA3235W Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
No. 4530-11/13
LA3235W
Continued form preceding page.
Pin No.
Pin
Pin voltage (V)
Internal equivalent circuit
Notes
19
22
NF2
NF1
0.8
• Microphone and radio amplifier noise filter
connections
20
23
MIC IN2
MIC IN1
0.8
• Microphone amplifier inputs
• The input resistance is variable over the
range 6.8 to 36.8 k
Ω.
26
27
28
CONT E
CONT D
CONT C
VCC2 to 0
• Fixed-current pull-up current sources
Pin 26......................18 µA
Pins 27 and 28........35 µA
29
30
CONT B
CONT A
VCC2 to 0
• 35-µA fixed-current pull-up current sources
31
CONT F
VCCRF to 0
• The pull-up resistor has a value of 100 k
±20%.
Continued on next page.


Similar Part No. - LA3235W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
   2-Channel Equalizer Ampe With ALC
LA3225 SANYO-LA3225 Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
LA3225T SANYO-LA3225T Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
LA3226T SANYO-LA3226T Datasheet
94Kb / 2P
   2-Channel Preamplifier Car Stereo?
More results

Similar Description - LA3235W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Zarlink Semiconductor I...
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
logo
TEKTRONIX, INC.
ADA400A TEKTRONIX-ADA400A Datasheet
202Kb / 4P
   Differential Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
Emcore Corporation
MAFA1014-PA EMCORE-MAFA1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
   Dual preamplifier
logo
Hamamatsu Corporation
C7319 HAMAMATSU-C7319 Datasheet
25Kb / 2P
   PREAMPLIFIER UNIT
logo
Emcore Corporation
MAFA-1014-PA EMCORE-MAFA-1014-PA Datasheet
801Kb / 4P
   Optical Preamplifier
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com