Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3725 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3725
Description  HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3725 Datasheet(HTML) 1 Page - Seme LAB

  2N3725 Datasheet HTML 1Page - Seme LAB 2N3725 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN OUTS
PIN 1 – Emitter
PIN 2 – Base
PIN 3 – Collector
HIGH VOLTAGE, HIGH CURRENT, HIGH
SPEED, NPN SWITCHING TRANSISTOR IN
A HERMETICALLY SEALED
TO-39 METAL PACKAGE FOR HIGH
RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC METAL PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• JAN LEVEL SCREENING OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
Hermetically sealed 2N3725 for high
reliability applications. Suitable for
memory application.
TO-39 METAL
(TO205AD)
MECHANICAL DATA
Dimensions in mm (inches)
2N3725
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4303
Issue 1
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C unless otherwise stated)
VCBO
Collector-base Voltage (IE = 0)
80V
VCES
Collector-emitter Voltage (VBE = 0)
80V
VCEO
Collector-emitter Voltage (IB = 0)
50V
VEBO
Emitter-base Voltage (IC = 0)
6V
IC
Collector Current
1A
Ptot
Total Power Dissipation at Tamb ≤ 25 °C
at Tcase ≤ 25 °C
0.8W
3.5W
Tj
Junction Temperature
– 65 to 200 °C
Tstg
Storage Temperature
– 65 to 200 °C
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - 2N3725

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3725 STMICROELECTRONICS-2N3725 Datasheet
88Kb / 6P
   HIGH VOLTAGE, HIGH CURRENT SWITCH
January 1989
logo
Central Semiconductor C...
2N3725 CENTRAL-2N3725 Datasheet
497Kb / 2P
   NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3725 NJSEMI-2N3725 Datasheet
1Mb / 2P
   HIGH SPEED NPN SILICON PLANAR EPITAXIAL
logo
Central Semiconductor C...
2N3725 CENTRAL-2N3725 Datasheet
497Kb / 2P
   NPN SILICON TRANSISTOR
2N3725 CENTRAL-2N3725 Datasheet
686Kb / 6P
   NPN - General Purpose Transistor Die
R0 6-June 2016
More results

Similar Description - 2N3725

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
   HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Samsung semiconductor
KSC2751 SAMSUNG-KSC2751 Datasheet
216Kb / 6P
   NPN (HIGH SPEED, HIGH CURRENT SWITCHING INDUSTRIAL USE)
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
   high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
logo
Silikron Semiconductor ...
IRF830 SILIKRON-IRF830 Datasheet
452Kb / 6P
   High current, high speed switching
logo
Unisonic Technologies
MJE13011 UTC-MJE13011 Datasheet
104Kb / 4P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3865 ETC-2SC3865 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Unisonic Technologies
2SC2625 UTC-2SC2625_15 Datasheet
103Kb / 3P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC4419 ETC-2SC4419 Datasheet
158Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING
logo
Fairchild Semiconductor
KSA1010 FAIRCHILD-KSA1010 Datasheet
50Kb / 5P
   High Speed High Voltage Switching
logo
Inchange Semiconductor ...
2SC3738 ISC-2SC3738 Datasheet
196Kb / 2P
   High Voltage, High Speed Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com