Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA08-800SW Datasheet(PDF) 10 Page - STMicroelectronics

Part # BTA08-800SW
Description  Snubberless?? logic level and standard 8 A Triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-800SW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BTA08-800SW Datasheet HTML 4Page - STMicroelectronics BTA08-800SW Datasheet HTML 5Page - STMicroelectronics BTA08-800SW Datasheet HTML 6Page - STMicroelectronics BTA08-800SW Datasheet HTML 7Page - STMicroelectronics BTA08-800SW Datasheet HTML 8Page - STMicroelectronics BTA08-800SW Datasheet HTML 9Page - STMicroelectronics BTA08-800SW Datasheet HTML 10Page - STMicroelectronics BTA08-800SW Datasheet HTML 11Page - STMicroelectronics BTA08-800SW Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
BTA08, BTB08 and T8 Series
10/12
Doc ID 7472 Rev 7
3
Ordering information
Figure 15.
Ordering information scheme (BTA08 and BTB08 series)
Figure 16.
Ordering information scheme (T8 series)
BTB: non insulated TO-220AB package
Table 9.
Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB08-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB08-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB08-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB08-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB08-xxxSW
X
X
10 mA
Logic level
TO-220AB
BTA/BTB08-xxxTW
X
X
5 mA
Logic Level
TO-220AB
T810-xxxG
X
X
10 mA
Logic Level
D2PAK
T810-xxxH
X
X
10 mA
Logic Level
IPAK
T835-xxxB
X
X
35 mA
Snubberless
DPAK
T835-xxxG
X
X
35 mA
Snubberless
D2PAK
T835-xxxH
X
X
35 mA
Snubberless
IPAK
BT A 08 - 600 BW (RG)
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
08 = 8A
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level
T 8 10 - 600 B (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8A
10 = 10 mA
35 = 35 mA
600 = 600 V
800 = 800 V
B = DPAK
G = D PAK
R = I PAK
Blanck = Tube
-TR = Tape and reel
2
2
H = IPAK


Similar Part No. - BTA08-800SW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA08-800SW KERSEMI-BTA08-800SW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA08-800SWRG STMICROELECTRONICS-BTA08-800SWRG Datasheet
129Kb / 11P
   8A TRIACS
BTA08-800SWRG STMICROELECTRONICS-BTA08-800SWRG Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - BTA08-800SW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
   Snubberless?? logic level and standard 8 A Triacs
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com