Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4266 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4266
Description  3 W Monaural Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4266 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4266 Datasheet HTML 1Page - Sanyo Semicon Device LA4266 Datasheet HTML 2Page - Sanyo Semicon Device LA4266 Datasheet HTML 3Page - Sanyo Semicon Device LA4266 Datasheet HTML 4Page - Sanyo Semicon Device LA4266 Datasheet HTML 5Page - Sanyo Semicon Device LA4266 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LA4266
No. 7091-3/6
Description of External Parts
C1: Ripple filter capacitor
Decreasing the capacitance value reduces ripple rejection. This capacitor also affects the starting time; decreasing
the capacitance value makes the starting time earlier.
C2: Input capacitor
Because the DC potential of the input pin is not zero, this capacitor can not be omitted. Decreasing the capacitance
value to an extremely low level lowers the low frequency response.
C3: Feedback capacitor
Decreasing the capacitance value lowers the low frequency response. Increasing the capacitance value makes the
starting time later.
C4: Output capacitor
Decreasing the capacitance value causes insufficient power at low frequencies.
C5: Oscillation blocking capacitor
Decreasing the capacitance value causes oscillation to occur easily. Use a polyester film capacitor that has good high
frequency response and temperature characteristics.
The use of an electrolytic capacitor or a ceramic capacitor may cause oscillation to occur at low temperatures.
C6: Power capacitor
Decreasing the capacitance value causes ripple to occur easily. Locating at a distance from the IC or removing this
capacitor may cause oscillation to occur.
R1: Mute resistor
Refer to supplementary discussion “External Muting.’’
R2: Resistor connected in series with oscillation blocking capacitor
Prevents phase shift in conjunction with the oscillation blocking capacitor so that oscillation does not easily occur.
There is an optimal value for the resistor; increasing or decreasing the resistance causes oscillation to occur easily.
External Muting
• Pull down the electric potential of the ripple filter pin (pin 3).
Muting becomes possible by inserting the discharge resistor R1 between pin 3 and
GND. If the resistance value of R1 is too low, a popping noise is generated; if the
resistance value is too high, the muting effect is reduced. (A value of 750
Ω is
recommended for R1.)
Voltage Gain
The voltage gain is fixed at 40dB by the ratio of the 30 k
Ω and 300 Ω
internal resistors. Therefore, it is not possible to use this IC with a
voltage gain greater than 40 dB. Although it is possible to use this IC
with a voltage gain of less than 40 dB by adding a feedback resistor
(RNF) and external resistors (R) as shown in the diagram, doing so
causes oscillation to occur easily. Therefore, do not use this IC with a
voltage gain of 30dB or less.
+
NC
Filter
C1
R1
2
3
4
Mute SW
PRE GND
+
+
+
30 k
IN
Rf
OUT
5
6
7
R2
RL
C4
C5
C2
R
C3
NF
RNF


Similar Part No. - LA4266

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
243Kb / 8P
   2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4260 SANYO-LA4260 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4261 SANYO-LA4261 Datasheet
229Kb / 8P
   3.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4261 SANYO-LA4261 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
   3.5W Monaural Power Amp
More results

Similar Description - LA4266

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Rohm
BD783XXEFJ-M ROHM-BD783XXEFJ-M Datasheet
1Mb / 28P
   1.2 W Monaural Speaker Amplifier for Automotive
19.Jul.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com