Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39015XG18R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39015XG18R
Description  150 mA low quiescent current low noise voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG18R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39015XG18R Datasheet HTML 6Page - STMicroelectronics LD39015XG18R Datasheet HTML 7Page - STMicroelectronics LD39015XG18R Datasheet HTML 8Page - STMicroelectronics LD39015XG18R Datasheet HTML 9Page - STMicroelectronics LD39015XG18R Datasheet HTML 10Page - STMicroelectronics LD39015XG18R Datasheet HTML 11Page - STMicroelectronics LD39015XG18R Datasheet HTML 12Page - STMicroelectronics LD39015XG18R Datasheet HTML 13Page - STMicroelectronics LD39015XG18R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
LD39015xx
10/16
Figure 10.
Quiescent current vs. input voltage Figure 11.
Load transient
VEN = VIN = 1.5V, IOUT = 1mA to 0.15A, CIN = COUT = 1µF,
tr = tf = 5µs
Figure 12.
Line transient
Figure 13.
Enable transient
VIN = VEN = 1.5 to 5.5V, IOUT = 1mA, COUT = 1µF,
tr = tf = 5µs
VIN = 1.5V, VEN = 0 to 1V, IOUT = 1mA, CIN = COUT = 1µF
0
20
40
60
80
100
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
5.4
5.9
V
IN[V]
V
IN=VINH, CIN=COUT=1µF, IOUT=0.15A
0
20
40
60
80
100
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
5.4
5.9
V
IN[V]
V
IN=VINH, CIN=COUT=1µF, IOUT=0.15A


Similar Part No. - LD39015XG18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XG18R STMICROELECTRONICS-LD39015XG18R Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39015XG18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com