Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4T32-BR12SH Datasheet(PDF) 9 Page - STMicroelectronics

Part # M4T32-BR12SH
Description  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M4T32-BR12SH Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 9Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 10Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 11Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 12Page - STMicroelectronics M4T32-BR12SH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
Mechanical information
9/16
4.1
Battery characteristics
Figure 3 on page 10 illustrates the lithium coin cell discharge rate for a given load. This
demonstrates the characteristically flat voltage level supplied by the battery until very near
the end of its life. These discharge levels have been greatly accelerated in comparison to
the normal, actual usage.
Note:
These batteries contain no mercury (Hg), cadmium (Cd), or lead (Pb).
4.2
UL recognition
The M4Txx-BR12SH has been recognized by Underwriters Laboratories under their
Component Recognition Program and carries U.L. File Number E89556.
4.3
Battery life
For information on data retention life and battery storage life, please refer to the application
note AN1012.
4.4
General notes
ST has conducted experiments using a manual press which determined that if
approximately 60 pounds of force is applied to the top of the SNAPHAT®, battery damage
and/or die cracks could be induced. As Figure 2 on page 8 specifies, only an average of less
than 13 force-pounds is required for proper insertion. We recommend that no more than 40
pounds of force be applied during SNAPHAT insertion.
If a manual press in employed, it is very important that it be calibrated such that it cannot
exceed this limit.
To remove the SNAPHAT top for replacement, a DIP/IC extractor tool should be used (see
Figure 4). The SNAPHAP top should be grabbed by the narrow end to avoid bending the
pins.
Caution:
To avoid draining battery do NOT place SNAPHAT pins into conductive foam.
Caution:
To avoid damaging SNAPHAT sockets do NOT wave solder SOIC.


Similar Part No. - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
ARTSCHIP ELECTRONICS CO...
M4T32-BR12SH ARTSCHIP-M4T32-BR12SH Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M4T32-BR12SH STMICROELECTRONICS-M4T32-BR12SH Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
More results

Similar Description - M4T32-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com