Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB30-45ASMD Datasheet(PDF) 1 Page - Seme LAB

Part # SB30-45ASMD
Description  DUAL SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB30-45ASMD Datasheet(HTML) 1 Page - Seme LAB

  SB30-45ASMD Datasheet HTML 1Page - Seme LAB SB30-45ASMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB30-45MSMD
SB30-45ASMD
SB30-45RSMD
Document Number 2755
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
Peak Repetitive Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IF(AV)
Maximum Average Forward Current
IFSM
Peak Non-Repetitive Surge Current at 50Hz (per leg)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
45V
45V
45V
30A
245A
-55°C to 150°C
150°C
MECHANICAL DATA
Dimensions in mm
3. 60 ( 0. 142)
Ma x .
3. 70 ( 0. 146)
3. 41 ( 0. 134)
3. 70 ( 0. 146)
3. 41 ( 0. 134)
0. 89
( 0 . 035)
mi n .
9. 67 ( 0. 381)
9. 38 ( 0. 369)
11. 58 ( 0 . 4 56)
11. 28 ( 0 . 4 44)
0. 50 ( 0. 020 )
0. 26 ( 0. 010 )
13
2
DUAL SCHOTTKY
BARRIER DIODE
IN CERAMIC SURFACE
MOUNT PACKAGE FOR
HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC PACKAGE
• AVAILABLE IN COMMON CATHODE,
COMMON ANODE AND SERIES
VERSIONS
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 30A
•LOW VF
• LOW LEAKAGE
SMD1 (TO-276AB) CERAMIC PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Common Cathode
Common Anode
Series Connection
SB30-45M
SB30-45A
SB30-45R
1
3
2
1
3
2
1
3
2
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
1 = K1 Cathode 1
2 = A Anode
3 = K2 Cathode 2
1 = K1 Cathode 1
2 = Centre Tap
3 = A2 Anode
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - SB30-45ASMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB30-45AM SEME-LAB-SB30-45AM Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45AM SEME-LAB-SB30-45AM Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
More results

Similar Description - SB30-45ASMD

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Advanced Semiconductor
5082-2271 ASI-5082-2271 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
NXP Semiconductors
1PS70SB14_15 PHILIPS-1PS70SB14_15_15 Datasheet
166Kb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15_15 PHILIPS-1PS70SB15_15_15 Datasheet
165Kb / 9P
   Dual Schottky barrier diode
17 December 2012
logo
Leshan Radio Company
MMBD352WT1 LRC-MMBD352WT1 Datasheet
48Kb / 2P
   Dual Schottky Barrier Diode
logo
ON Semiconductor
MMBD352WT1 ONSEMI-MMBD352WT1_05 Datasheet
43Kb / 4P
   Dual Schottky Barrier Diode
April, 2005 ??Rev. 3
logo
Advanced Semiconductor
5082-2830 ASI-5082-2830 Datasheet
16Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
ON Semiconductor
MMBD352WT1G ONSEMI-MMBD352WT1G Datasheet
127Kb / 3P
   Dual Schottky Barrier Diode
November, 2011 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com