Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4450 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4450
Description  Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4450 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4450 Datasheet HTML 1Page - Sanyo Semicon Device LA4450 Datasheet HTML 2Page - Sanyo Semicon Device LA4450 Datasheet HTML 3Page - Sanyo Semicon Device LA4450 Datasheet HTML 4Page - Sanyo Semicon Device LA4450 Datasheet HTML 5Page - Sanyo Semicon Device LA4450 Datasheet HTML 6Page - Sanyo Semicon Device LA4450 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Operating Characteristics at Ta = 25°C, VCC = 26.4 V, RL = 8 Ω, f = 1 kHz, Rg = 600 Ω
No. 4090-2/7
LA4450
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby current
Ist
Standby switch off
1
30
µA
Quiescent current
ICCO
Rg = 0
50
80
140
mA
Output power
PO1
THD = 10%
10
12
W
PO2
THD = 10%, RL = 4 Ω
20
W
Voltage gain
VG
VO = 0 dBm
49
51
53
dB
Total harmonic distortion
THD
PO = 1 W
0.07
0.4
%
Output noise voltage
VNO
Rg = 0, BPF-BW = 20 Hz to 20 kHz
0.4
1.0
mV
Ripple exclusion ratio
SVRR
Rg = 0, fR = 100 Hz, VR = 0 dBm
45
55
dB
Channel separation
CHsep
VO = 0 dBm, Rg = 10 kΩ
45
55
dB
Standby control voltage
Vst
With a 10 k
Ω resistor connected at pin 12
2.5
VCC
V
Pd max – Ta
Ambient temperature, Ta – °C
θ
f – Sf
Heat sink surface area, Sf – cm2


Similar Part No. - LA4450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4450 ONSEMI-LA4450 Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450-E ONSEMI-LA4450-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450F-E ONSEMI-LA4450F-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
LA4450L-E ONSEMI-LA4450L-E Datasheet
134Kb / 8P
   Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
   For Bus and Track in Car Stereo 2-Channel Power Amplifier
More results

Similar Description - LA4450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Sanyo Semicon Device
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
   2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
   For Bus and Track in Car Stereo 2-Channel Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com