Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2640DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2640DCSM
Description  Dual Bipolar NPN Devices in a hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2640DCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2640DCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2640DCSM
Dual Bipolar NPN Devices.
V
CEO =
45V
I
C = 0.03A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
0.03
A
h
FE
@ 5/1m (V
CE / IC)
-
f
t
32M
Hz
P
D
0.3
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar NPN Devices in
a hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Similar Part No. - 2N2640DCSM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N2640 MOTOROLA-2N2640 Datasheet
148Kb / 2P
   DUAL AMPLIFIER TRANSISTORS NPN SILICON
logo
Central Semiconductor C...
2N2640 CENTRAL-2N2640 Datasheet
52Kb / 1P
   Dual Transistors
More results

Similar Description - 2N2640DCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2639DCSM SEME-LAB-2N2639DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2641DCSM SEME-LAB-2N2641DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N5551DCSM SEME-LAB-2N5551DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
BF258DCSM SEME-LAB-BF258DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
BSX33DCSM SEME-LAB-BSX33DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2914DCSM SEME-LAB-2N2914DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2918DCSM SEME-LAB-2N2918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N3411DCSM SEME-LAB-2N3411DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N2919DCSM SEME-LAB-2N2919DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
2N3410DCSM SEME-LAB-2N3410DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com