Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4485 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4485
Description  5 W, Two-channel Power Amplifier with Very Few External Parts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4485 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4485 Datasheet HTML 1Page - Sanyo Semicon Device LA4485 Datasheet HTML 2Page - Sanyo Semicon Device LA4485 Datasheet HTML 3Page - Sanyo Semicon Device LA4485 Datasheet HTML 4Page - Sanyo Semicon Device LA4485 Datasheet HTML 5Page - Sanyo Semicon Device LA4485 Datasheet HTML 6Page - Sanyo Semicon Device LA4485 Datasheet HTML 7Page - Sanyo Semicon Device LA4485 Datasheet HTML 8Page - Sanyo Semicon Device LA4485 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5 W, Two-channel Power Amplifier with Very Few
External Parts
Overview
The LA4485 is a 5 W, two-channel power amplifier IC that
requires a minimum of external parts, making it ideal for radio
cassette players and car stereo equipment.
The LA4485 eliminates the need for bootstrap capacitors,
negative feedback capacitors, and oscillation prevention CR
parts, all of which were necessities for power ICs previously.
All of these functions are now on chip, keeping the number of
external parts to an absolute minimum. The LA4485 is part of
the Power (Stylish Power) Series, and supports two modes:
dual and BTL.
Features
.
5W
× 2 output power in dual mode, and 15 W in BTL mode
.
Minimum external parts for the Power Series count:
4 or 5 parts in dual mode; 3 or 4 parts in BTL mode
.
Protection circuits
Overvoltage protection
Thermal protection
DC output short-circuit protection (to VCC and to GND)
.
Circuitry designed to handle +VCC applied to the outputs
.
Pop noise reduction
.
Standby switch
.
Muting function
Package Dimensions
unit : mm
3107-SIP13H
[LA4485]
SANYO : SIP13H
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
No signal
24
V
Surge supply voltage
VCC surge *
Based on the JASO standard
50
V
Peak output current
IO peak
Per channel
3.3
A
Allowable power dissipation
Pd max
With infinite heat sink
15
W
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
*: By the
π type B check point method.
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Supply voltage range
VCC op
Must not be over package Pd
7.5 to 18
V
Recommended load resistance range
RL
Dual
2 to 8
BTL
4to8
Ordering number: EN3680C
Monolithic Linear IC
LA4485
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
73096HA(II)/D2893TS/9041TS No.3680-1/20


Similar Part No. - LA4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4400 SANYO-LA4400 Datasheet
310Kb / 6P
   LA4400
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results

Similar Description - LA4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com